Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

177920514 Datasheet(PDF) 8 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920514
Description  Nominal input voltage rails: 5V / 12V / 24V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920514 Datasheet(HTML) 8 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 177920514 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
WPMIx9200501S / 1779205x4
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
8/21
DIELECTRIC STRENGTH TEST SETUP (HIGH POT TEST)
+VIN
1
7
2
-VIN
5
+VOUT
-VOUT
DC
DC
Sup ply
Connect all input
– and output terminals together (see Figure) before connecting the supply voltage. When testing, set the
cut-off current to 1mA.
Parameters Supply Device: Current limit set to 1mA, Test voltage 4000Vdc, Test time 1sec.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
A repeated high voltage test of a barrier component will degrade its isolation capabilities.
The primary and secondary windings within this transformer are enameled (coated) but do not possess additional isolation.
Typically, parts can withstand many times their stated test voltage and still perform optimally. The enamel coating can
degrade over time due to chemical reactions that occur at high voltages. We recommend keeping high voltage isolation
testing to a minimum to better protect the isolation between the windings. If repeated high voltage isolation testing is
required, consider reducing the voltage by a significant amount e.g. 20% from the test voltage stated within the datasheet.
These safety concerns are equally applicable to components that utilize functional isolation beyond wire enamel (i.e.
physical barriers or spacing).


Similar Part No. - 177920514

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920514 WURTH-177920514 Datasheet
1Mb / 21P
   No minimum load required
177920514 WURTH-177920514 Datasheet
1Mb / 21P
   Integrated capacitors and transformer
177920514 WURTH-177920514 Datasheet
178Kb / 1P
   EVAL Board f체r MagI쨀C FISM 1789205X4
1779205141 WURTH-1779205141 Datasheet
2Mb / 35P
   WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
More results

Similar Description - 177920514

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
   Input Voltage 12V DC, 24V DC
20230925-E
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
   Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
Maxim Integrated Produc...
MAX16545BEVKIT120 MAXIM-MAX16545BEVKIT120 Datasheet
1Mb / 12P
   12V Nominal Operating Voltage
Rev 1; 3/20
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
   5V/12V Input Voltage-Mode Buck PWM Controller
logo
Wurth Elektronik GmbH &...
1769205X41 WURTH-1769205X41 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1769405X41 WURTH-1769405X41 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1779405X11 WURTH-1779405X11 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 1.5kV Functional Isolated Unregulated 5V Output
version 1.0
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Wurth Elektronik GmbH &...
1779205X11 WURTH-1779205X11 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com