Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

177920511 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920511
Description  Current capability up to 0.2A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920511 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  177920511 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
WPMIx9200501S / 1779205x1
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
5/22
ELECTRICAL SPECIFICATIONS
MIN and MAX limits are valid for the recommended ambient temperature range of -40°C to 85°C. Typical values represents
statistically the utmost probability at following conditions: TA = 25°C, VIN = 3.3V, VOUT = 5V (177920501), VIN = 5V VOUT = 5V
(177920511), VIN = 12V, VOUT = 5V (177920521), VIN = 24V, VOUT = 5V (177920531), IOUT = 0.2A unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN (1)
TYP (3)
MAX (1)
UNIT
Output Current
IMOC
Maximum Overload Current
5s
-
-
300(6)
mA
IOCP
Over current protection
-
-
No(7)
mA
Accuracy
VOUT
Line regulation
per 1.0% change in input
voltage(8)
-
±1.2
-
%
Load regulation
10% to 100% load current,
5Vout
– see tolerance
envelope
-
-
-5
+15
%
Output Voltage Accuracy
Vin nominal
-
-
±5
%
Output voltage ripple 5VOUT
20MHz BW, without external
MLCC capacitor
-
55
-
mVpp
Switching frequency
fSW
Switching frequency
VIN = 12V
50
-
105
kHz
Input current
IIN
No load input current
(Operating, switching)
177920501
-
44
-
mA
177920511
-
30
-
mA
177920521
-
25
-
mA
177920531
-
10
-
mA
Efficiency
η
Efficiency
VOUT = 5V, VIN = 3.3V
-
79
-
%
VOUT = 5V, VIN = 5V
-
79
-
%
VOUT = 5V, VIN = 12V
-
80
-
%
VOUT = 5V, VIN = 24V
-
80
-
%
RELIABILITY
SYMBOL
PARAMETER
CONDITIONS
MIN (1)
TYP (3)
MAX (1)
UNIT
MTBF(9)
Mean Time Between Failures
+25°C: Ground Benign
22380 x103h
h
+85°C: Ground Benign
9300 x103h
h
APPROVALS
UL 60950
Recognized for use as Information Technology Equipment, U.S.A.
(UL60950-1) - pending and Canada (C22.2 No. 60950-1) - pending;
applicable for altitudes up to 2000m


Similar Part No. - 177920511

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Output voltage: 5V unregulated
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920511 WURTH-177920511 Datasheet
953Kb / 24P
   FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1779205111 WURTH-1779205111 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
More results

Similar Description - 177920511

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920501 WURTH-177920501 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920531 WURTH-177920531 Datasheet
1Mb / 22P
   Current capability up to 0.2A
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
   High peak current carrying capability up to 6000A
logo
Hongfa Technology
HFKM HONGFA-HFKM_17 Datasheet
62Kb / 4P
   Switching capability up to 20A
logo
Rohm
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com