Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

173010342 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 173010342
Description  Pulse skipping for high efficiency at light loads
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

173010342 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  173010342 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010342 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010342 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010342 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010342 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010342 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010342 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010342 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010342 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
WPMDH1100xx1S / 173010x42
MagI3C Power Module
FDSM
– Fixed Step Down Regulator Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
© June 2016
2/24
PACKAGE
MARKING DESCRIPTION
Marking
Description
WE
Würth Elektronik tradename
78
Indicates the compatibility with 78xx linear regulator
173xxxxxx
Ordering Code
YY
Year
WW
Calendar week
VV
Output voltage (3.3V or 5V)
PIN DESCRIPTION
SYMBOL
PIN
TYPE
DESCRIPTION
VIN
1
Power
Input voltage
GND
2
Power
Ground reference for VIN and VOUT
VOUT
3
Power
Output voltage
ORDERING INFORMATION
ORDER CODE
PART DESCRIPTION
SPECIFICATIONS
PACKAGE
PACKAGING UNIT
173010542
WPMDH1100501S
42V / 5V - 1.0A version
SIP-3
Tube with 42 pieces
173010342
WPMDH1100331S
42V / 3.3V - 1.0A version
SIP-3
Tube with 42 pieces
PIN COMPATIBLE DEVICES OF OTHER FAMILIES
ORDER CODE
PART DESCRIPTION
SPECIFICATIONS
PACKAGE
PACKAGING UNIT
173950578
WPMDL9500501S
28V / 5V - 0.5A version
SIP-3
Tube with 42 pieces
173950378
WPMDL9500501S
28V / 3.3V - 0.5A version
SIP-3
Tube with 42 pieces
173010578
WPMDL1100501S
28V / 5V - 1.0A version
SIP-3
Tube with 42 pieces
173010378
WPMDL1100331S
28V / 3.3V - 1.0A version
SIP-3
Tube with 42 pieces
1
2
3
VIN
GND VOUT


Similar Part No. - 173010342

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010342 WURTH-173010342 Datasheet
1Mb / 24P
   Continuous output power: 3.3W or 5W
173010342 WURTH-173010342 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
173010342 WURTH-173010342 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
173010342 WURTH-173010342 Datasheet
5Mb / 42P
   WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 1A / Fixed Output 3.3V, 5V, 12V or 15V
version 4.0
173010342 WURTH-173010342 Datasheet
5Mb / 42P
   WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 500mA / Fixed Output 3.3V, 5V, 12V or 15V
version 3.0
More results

Similar Description - 173010342

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD1317B STMICROELECTRONICS-STOD1317B Datasheet
907Kb / 22P
   Very high efficiency at light load thanks to pulse skipping operation
April 2013 Rev 2
logo
Maxim Integrated Produc...
MAX5991 MAXIM-MAX5991 Datasheet
861Kb / 22P
   High Efficiency During Light Loads Reduces Power Consumption
Rev 2; 1/15
MAX5988 MAXIM-MAX5988 Datasheet
908Kb / 23P
   High Efficiency During Light Loads Reduces Power Consumption
Rev 3; 1/15
logo
Tyco Electronics
1VB1 MACOM-1VB1 Datasheet
224Kb / 3P
   General Purpose RFI Filters for High Impedance Loads at Low Current
logo
STMicroelectronics
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
2Mb / 32P
   High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
August 2022
logo
Sanken electric
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
   Light Load High Efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
   Light Load High Efficiency
logo
STMicroelectronics
IPS1025H STMICROELECTRONICS-IPS1025H Datasheet
3Mb / 32P
   High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
August 2022
IPS2050H STMICROELECTRONICS-IPS2050H Datasheet
3Mb / 32P
   High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
August 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com