Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS806NE Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSS806NE
Description  OptiMOS?? Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS806NE Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSS806NE Datasheet HTML 1Page - Infineon Technologies AG BSS806NE Datasheet HTML 2Page - Infineon Technologies AG BSS806NE Datasheet HTML 3Page - Infineon Technologies AG BSS806NE Datasheet HTML 4Page - Infineon Technologies AG BSS806NE Datasheet HTML 5Page - Infineon Technologies AG BSS806NE Datasheet HTML 6Page - Infineon Technologies AG BSS806NE Datasheet HTML 7Page - Infineon Technologies AG BSS806NE Datasheet HTML 8Page - Infineon Technologies AG BSS806NE Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSS806NE
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - ambient
R thJA
minimal footprint
1)
-
-
250
K/W
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS= 0 V, I D= 250 µA
20
-
-
V
Gate threshold voltage
V GS(th)
V DS=VGS , I D=11 µA
0.3
0.55
0.75
Drain-source leakage current
I DSS
V DS=20 V, V GS=0 V,
T j=25 °C
-
-
1
mA
V DS=20 V, V GS=0 V,
T j=150 °C
-
-
100
Gate-source leakage current
I GSS
V GS=8 V, V DS=0 V
-
-
6
µA
Drain-source on-state resistance
R DS(on)
V GS=1.8 V, I D=1.3 A
-
57
82
m
W
V GS=2.5 V, I D=2.3 A
-
41
57
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=1.9 A
9
-
S
Values
1) Performed on 40mm2 FR4 PCB. The traces are 1mm wide, 70μm thick and 20mm long; they are present on both
sides of the PCB.
Rev 2.01
page 2
2014-01-16


Similar Part No. - BSS806NE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS806N INFINEON-BSS806N Datasheet
251Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
logo
ZP Semiconductor
BSS806N ZPSEMI-BSS806N Datasheet
247Kb / 3P
   OptiMOS?? Small-Signal-Transistor
logo
TY Semiconductor Co., L...
BSS806N TYSEMI-BSS806N Datasheet
160Kb / 3P
   OptiMOS2 Small-Signal-Transistor
logo
Infineon Technologies A...
BSS806NL6327 INFINEON-BSS806NL6327 Datasheet
533Kb / 9P
   OptiMOS??2Small-Signal-Transistor
2010-03-25 revision:2.2
More results

Similar Description - BSS806NE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS205N INFINEON-BSS205N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.3 2010-03-25
BSS306N INFINEON-BSS306N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS316N INFINEON-BSS316N Datasheet
278Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS816NW INFINEON-BSS816NW Datasheet
234Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2009-02-11
BSO4822 INFINEON-BSO4822 Datasheet
100Kb / 8P
   OptiMOS Small-Signal-Transistor
2002-01-28
BSL806N INFINEON-BSL806N Datasheet
241Kb / 9P
   OptiMOS?? Small-Signal-Transistor
2010-03-29
BSL306N INFINEON-BSL306N_13 Datasheet
367Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.4 2013-11-06
BSS123N INFINEON-BSS123N Datasheet
633Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.3 2012-11-21
BSP373N INFINEON-BSP373N Datasheet
569Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-04
logo
ZP Semiconductor
BSS205N ZPSEMI-BSS205N Datasheet
211Kb / 3P
   OptiMOS?? Small-Signal-Transistor
BSS214N ZPSEMI-BSS214N Datasheet
212Kb / 3P
   OptiMOS?? Small-Signal-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com