Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MMBZ5V6ALT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MMBZ5V6ALT1
Description  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
MMBZ5V6ALT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 and 3)
(VF = 0.9 V Max @ IF = 10 mA)
24 WATTS
Breakdown Voltage
Max Zener
Impedance (Note 5)
VC @ IPP
(Note 6)
Device
VRWM
IR @
VRWM
VBR (Note 4) (V)
@ IT
ZZT
@ IZT
ZZK @ IZK
VC
IPP
QVBR
Device
Device
Marking
Volts
mA
Min
Nom
Max
mA
W
W
mA
V
A
mV/
5C
MMBZ5V6AL
5A6
3.0
5.0
5.32
5.6
5.88
20
11
1600
0.25
8.0
3.0
1.26
MMBZ6V2AL
6A2
3.0
0.5
5.89
6.2
6.51
1.0
8.7
2.76
2.80
MMBZ6V8AL
6A8
4.5
0.5
6.46
6.8
7.14
1.0
9.6
2.5
3.4
MMBZ9V1AL
9A1
6.0
0.3
8.65
9.1
9.56
1.0
14
1.7
7.5
MMBZ10VAL
10A
6.5
0.3
9.50
10
10.5
1.0
14.2
1.7
7.5
(VF = 0.9 V Max @ IF = 10 mA)
40 WATTS
IR @
Breakdown Voltage
VC @ IPP (Note 6)
Device
VRWM
IR @
VRWM
VBR (Note 4) (V)
@ IT
VC
IPP
QVBR
Device
Device
Marking
Volts
nA
Min
Nom
Max
mA
V
A
mV/
5C
MMBZ12VAL
12A
8.5
200
11.40
12
12.60
1.0
17
2.35
7.5
MMBZ15VAL
15A
12
50
14.25
15
15.75
1.0
21
1.9
12.3
MMBZ18VAL
18A
14.5
50
17.10
18
18.90
1.0
25
1.6
15.3
MMBZ20VAL
20A
17
50
19.00
20
21.00
1.0
28
1.4
17.2
MMBZ27VAL
27A
22
50
25.65
27
28.35
1.0
40
1.0
24.3
MMBZ33VAL
33A
26
50
31.35
33
34.65
1.0
46
0.87
30.4
4. VBR measured at pulse test current IT at an ambient temperature of 25°C.
5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC)
= 0.1 IZ(DC), with the AC frequency = 1.0 kHz.
6. Surge current waveform per Figure 5 and derate per Figure 6




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1SMB10CAT3Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
SA50A500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
1SMA5.0AT3400 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
MMBZ15VDLT140 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
15SMC68AT31500 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
1SMC5.0AT31500 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
P6SMB6.8AT3600 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
P6KE6.8A600 Watt Peak Power Surmetic-40 Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
1SMA10CAT3400 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
SA5-0A500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl