Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUZ31H3046 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BUZ31H3046
Description  SIPMOSPower Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ31H3046 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BUZ31H3046 Datasheet HTML 2Page - Infineon Technologies AG BUZ31H3046 Datasheet HTML 3Page - Infineon Technologies AG BUZ31H3046 Datasheet HTML 4Page - Infineon Technologies AG BUZ31H3046 Datasheet HTML 5Page - Infineon Technologies AG BUZ31H3046 Datasheet HTML 6Page - Infineon Technologies AG BUZ31H3046 Datasheet HTML 7Page - Infineon Technologies AG BUZ31H3046 Datasheet HTML 8Page - Infineon Technologies AG BUZ31H3046 Datasheet HTML 9Page - Infineon Technologies AG BUZ31H3046 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Avalanche energy EAS = ƒ(Tj)
parameter:
ID = 14.5 A, VDD = 50 V
RGS = 25 Ω, L = 1.42 mH
20
40
60
80
100
120
˚C
160
T
j
0
20
40
60
80
100
120
140
160
180
mJ
220
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter:
ID puls = 20 A
0
10
20
30
40
50
60
70
90
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
˚C
160
T
j
180
185
190
195
200
205
210
215
220
225
230
V
240
V
(BR)DSS
BUZ 31 H
3046
Rev. 2.
0
Page
8
20
12-12-10


Similar Part No. - BUZ31H3046

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ31H3046 ISC-BUZ31H3046 Datasheet
279Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUZ31H3046

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUZ10 NJSEMI-BUZ10 Datasheet
96Kb / 4P
   SIPMOS 짰 Power Transistor
BUZ10L NJSEMI-BUZ10L Datasheet
99Kb / 4P
   SIPMOS 짰 Power Transistor
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com