Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW20N120R3_1501 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IHW20N120R3_1501
Description  Reverse conducting IGBT with monolithic body diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW20N120R3_1501 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IHW20N120R3_1501 Datasheet HTML 3Page - Infineon Technologies AG IHW20N120R3_1501 Datasheet HTML 4Page - Infineon Technologies AG IHW20N120R3_1501 Datasheet HTML 5Page - Infineon Technologies AG IHW20N120R3_1501 Datasheet HTML 6Page - Infineon Technologies AG IHW20N120R3_1501 Datasheet HTML 7Page - Infineon Technologies AG IHW20N120R3_1501 Datasheet HTML 8Page - Infineon Technologies AG IHW20N120R3_1501 Datasheet HTML 9Page - Infineon Technologies AG IHW20N120R3_1501 Datasheet HTML 10Page - Infineon Technologies AG IHW20N120R3_1501 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
IHW20N120R3
ResonantSwitchingSeries
Rev.2.6,2015-01-26
Figure 1.
Collectorcurrentasafunctionofswitching
frequency
(Tj
≤175°C,D=0.5,VCE=600V,VGE=0/15V,
RG=15
Ω)
f,SWITCHINGFREQUENCY[kHz]
0.01
0.1
1
10
100
0
20
40
60
TC=80°
TC=110°
Figure 2.
Forwardbiassafeoperatingarea
(D=0,TC=25°C,Tj
≤175°C;VGE=15V)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
1
10
100
1000
0.1
1
10
100
tp=1µs
5µs
20µs
100µs
1ms
10ms
DC
Figure 3.
Powerdissipationasafunctionofcase
temperature
(Tj
≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
50
100
150
200
250
300
350
Figure 4.
Collectorcurrentasafunctionofcase
temperature
(VGE
≥15V,Tj≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
20
40


Similar Part No. - IHW20N120R3_1501

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW20N120R3 INFINEON-IHW20N120R3_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
More results

Similar Description - IHW20N120R3_1501

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHY20N120R3 INFINEON-IHY20N120R3 Datasheet
933Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.1 2009-11-25
IKW40N65WR5 INFINEON-IKW40N65WR5_16 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-12-10
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW15N120R INFINEON-IHW15N120R Datasheet
370Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2.1 July 06
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW30N110R3 INFINEON-IHW30N110R3 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IHW40N120R5 INFINEON-IHW40N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
V2.3 2019-09-20
IHW30N110R5 INFINEON-IHW30N110R5 Datasheet
1Mb / 15P
   Reverse-Conducting IGBT with monolithic body diode
Revision 1.00 2022-05-18
IHW20N120R2 INFINEON-IHW20N120R2 Datasheet
375Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 1.2 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com