Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-A36DRD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BS-A36DRD
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS-A36DRD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BS-A36DRD Datasheet HTML 1Page - List of Unclassifed Manufacturers BS-A36DRD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD-07
BS-A
C31xRD
SD-08
BS-A
C31xRD-A
SD-09
BS-A
C31xRD-B
SD-10
BS-A
C33xRD
SD-11
BS-A
C36xRD
SD-12
BS-A
C32xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
3.0(.118)MIN.
BS-C31xRD
NP: 3,5,10,11.
7
BS-A31xRD
7.62(.300)
14
13
AB
8
CD
LDP D
E
6
E
1
2
FG
9
DP
4,12
RDP
C
1.50(.059)
E0.50(.020)
7.62(.300)
E1.1(.043)
19.00(.748)
10B
10.10(.394)
5.20(.205)
PIN 1.
6.10(.240)
FG
A
2.54(.100)
B
NP: 3,5,10,11.
B
14
A
13
8
C
7
6
DE
G
1
F
2
9
DP
4,12
+
7.62(.300)
3.00(.118) MIN.
RDP
NP:3,5,10,11.
13
B
A
14
C
8
D
76
E
2
G
F
19
BS-A31xRD-A
4,12
NP:3,5,10,11.
BS-C31xRD-A
4,12
A BCD
F
EG RDP
E1.1(.043)
19.00(.748)
5.20(.205)
5.10(.201)
E0.50(.020)
10.10(.394)
7.62(.300)
PIN 1.
10B
RDP
F
LDP
E
C
D
G B
A
2.54(.100)
14.00(.551)
8.50(.335)
3.00(.120)MIN.
4.80(.189)
5.08(.200)
5B
7.50(.295)
0.25(.010)
9.10(.36)
PIN 1.
E1.10(.043)
A
10
B
9
D
8
C
E
4
5
1,6
DP
D
2
F
7
DP
G
3
0.50(.020)
2.54(.100)
E
F
A
B
C
G
0.80(.031)
+
10
A
7
DP
8
952
43
D
C
B
G
F
E
1,6
BS-A32xRD
BS-C32xRD
3.00(.118)MIN.
C
11
13
A
12
B
NP: 1,7,8,14
6
D
5
3
E
F
7.62(.300)
BS-A33xRD
2,9
NP: 4,5,6,12.
BS-C33xRD
10
4
G RDP
13
110
B
A
C
LDP
D
E
11
7
82
D
E
FG
9
RDP
3,14
RDP
C
E1.1(.043)
19.00(.748)
6.10(.240)
7.62(.300)
10B
10.10(.394)
5.20(.205)
PIN 1.
1.50(.059)
E0.5(.020)
F
A
G
2.54(.100)
B
+
14 13
7
6
1
82
9
7.62(.300)
10.10(.394)
E0.50(.020)
E1.1(.043)
PIN 1.
7.62(.300)
10B
+
4,12
NP: 3,5,10.11.
B
13
14
A
8
C
7
D
RDP
F
61
E
2
G
9
D
19.00(.748)
LDP
F
E
RDP
G
C
B
A
2.54(.100)
5.2(.205)
0.60(.024)
5.2(.205)
3.0(.118) MIN.
13
AB
14
G
EF
RDP
D
C
6
NP: 3,5,10.11.
87
1
2
9
4,12
BS-A31xRD-B
BS-C31xRD-B
0.50(.020)
10B
13.00(.512)
8.00(.310)
F
5.08(.200)
BS-A36xRD
7.50(.295)
10
8
9
5 4
0.25(.010)
A
1,6
BC DE
7
2 3
10 94
8 5
2 3 7
E
C
3.00(.118)MIN.
GDP
A B
6.50(.256)
E1.1(.043)
DP
1,6
DE F G
DP
BS-C36xRD
D
0.50(.020)
F
G
A
B
C
4.40(.173)
PIN 1.
+
2.54(.100)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-A36DRD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A36DRD BRIGHT-BS-A36DRD Datasheet
134Kb / 3P
   0.31(8.00MM)single DIGIT LED DISPLAY
More results

Similar Description - BS-A36DRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com