Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCM-3214 Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-3214
Description  3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-3214 Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-3214 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3214 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3214 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3214 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3214 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3214 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3214 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3214 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3214 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TMCM-3214, TMCM-3215 Hardware Manual (V0.90 / 2016-JUN-27)
7
Copyright © 2016, TRINAMIC Motion Control GmbH & Co. KG
4.2 Board mounting considerations
The TMCM-3214 / TMCM-3215 offer 12 metal plated mounting holes. One hole (lower right) is connected to on-
board system ground (connected to power supply input ground) via 1M (500VDC) || 1nF (1kV). The same
combination or resistor and capacitor is used for connecting the RJ45 shield ground (connector enclosure) to
power supply input ground (see figure 4.2).
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
1M
1nF
1M
1M
1nF
1nF
n.c.
Figure 4.2 TMCM-3214 / TMCM-3215 mounting hole connections
All other mounting holes are electrically isolated. Please note that not all holes have to be used for mounting
the pcb. At least the mounting holes in all four corners and two in the middle (6 altogether) should be used to
ensure adequate support of the pcb when inserting / removing connectors in order to avoid significant bending
of the pcb.
In any case: please remove / attach mating connectors carefully – supporting the pcb if necessary!


Similar Part No. - TMCM-3214

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3212 TRINAMIC-TMCM-3212 Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3212-CANopen TRINAMIC-TMCM-3212-CANopen Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3212-TMCL TRINAMIC-TMCM-3212-TMCL Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3213-CoE TRINAMIC-TMCM-3213-CoE Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
More results

Similar Description - TMCM-3214

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3212 TRINAMIC-TMCM-3212 Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3314 TRINAMIC-TMCM-3314 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-1181 TRINAMIC-TMCM-1181 Datasheet
530Kb / 18P
   1-axis Stepper Controller / Driver up to 6.5 RMS / 24V DC USB, RS485
TMCM-3312 TRINAMIC-TMCM-3312 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-6212 TRINAMIC-TMCM-6212 Datasheet
1Mb / 28P
   6-Axes Stepper Controller
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
logo
Lin Eng. Inc.
R356 LINENGINEERING-R356 Datasheet
1Mb / 5P
   STEPPER DRIVER CONTROLLER
R256 LINENGINEERING-R256 Datasheet
688Kb / 5P
   STEPPER DRIVER CONTROLLER
R525P LINENGINEERING-R525P Datasheet
618Kb / 5P
   STEPPER DRIVER CONTROLLER
logo
TRINAMIC Motion Control...
TMCM-101 TRINAMIC-TMCM-101 Datasheet
680Kb / 1P
   1-Axis Controller/Driver 3A/28.5V with Encoder Inf
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com