Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1492 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1492
Description  I2C BUS Controlled 5-Input 2-Output AV Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1492 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1492 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1492 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1492 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1492 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1492 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1492 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1492 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1492 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1492 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MITSUMI
I2C BUS Controlled 5-Input 2-Output AV Switch MM1492AF
I2C BUS Controlled 5-Input 2-Output AV Switch
Monolithic IC MM1492AF
Outline
This IC is a 5-input 2-output AV switch controlled by the I2C BUS developed for use in television. Because
there are 2 outputs, it supports 2 screens and P-IN-P, and also supports an external output (monitor) pin.
Features
(1) Serial control by I2C BUS
(2) 5 inputs, 2 outputs
(3) 1 Y/C (S pin) inputs, 2 outputs
(4) The video and audio switches can be controlled independently
(5) Built-in 6dB amp for video
(6) Built-in Y/C (S pin) mix circuit
(7) One of the two audio outputs has a built-in -6dB ON/OFF switch
(8) Slave address can be changed. 90H and 92H possible.
(9) Audio muting from external pin possible
(10) Maintains high impedance even when I2C BUS line (SDA, SCL) power supply is off.
(11) Built-in 3 value discrimination function built-in
(12) Built-in power ON reset function
(13) Supports 2 screens and P-IN-P. Also supports external output (monitor) pin.
Package
SOP-44B
Applications
(1) TV
(2) Other video equipment


Similar Part No. - MM1492

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1495 MITSUMI-MM1495 Datasheet
468Kb / 19P
   I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
MM1495XD MITSUMI-MM1495XD Datasheet
468Kb / 19P
   I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
MM1495XF MITSUMI-MM1495XF Datasheet
468Kb / 19P
   I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
More results

Similar Description - MM1492

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
   I2C BUS Control 5-Input 2-Output AV Switch
MM1495 MITSUMI-MM1495 Datasheet
468Kb / 19P
   I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
MM1422 MITSUMI-MM1422 Datasheet
175Kb / 13P
   CanalCompatible I2C Bus Controlled 4-input 3-output AV Switch
MM1311 MITSUMI-MM1311 Datasheet
268Kb / 11P
   I2C BUS Control 4-Input 1-Output AV Switch Monolithic IC MM1311
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com