Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD-1070 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD-1070
Description  Supply Voltage 9 to 24V DC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-1070 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD-1070 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1070 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1070 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1070 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1070 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1070 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1070 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1070 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1070 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PD42-1070HardwareManual•HardwareVersionV1.00|DocumentRevisionV1.00• 2016-Aug-04
11/25
4 Connectors and LEDs
Figure 9: PD42-1070 connectors (pin 1 highlighted in red)
4.1 Motor Connector
Pinno. Pinname Description
1
A1
MotorphaseApin1
2
A2
MotorphaseApin2
3
B1
MotorphaseBpin1
4
B2
MotorphaseBpin2
Table 5: Motor connector pinning
NOTICE
Do not connect or disconnect motor during operation!
Motorcableandmotorinductivitymightleadtovoltagespikeswhenthemotoris
(dis)connectedwhileenergized. Thesevoltagespikesmightexceedvoltagelimits
ofthedriverMOSFETsandmightpermanentlydamagethem. Therefore,always
switchoffordisconnectpowersupplybefore(dis)connectingthemotor.
©2016TRINAMICMotionControlGmbH&Co. KG,Hamburg,Germany
Termsofdeliveryandrightstotechnicalchangereserved.
Downloadnewestversionatwww.trinamic.com
Readentiredocumentation.


Similar Part No. - PD-1070

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
   Stepper Motor with Controller
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
PD-109 TRINAMIC-PD-109 Datasheet
196Kb / 2P
   Schrittmotorsystem: dynamisch & intelligent
PD-109 TRINAMIC-PD-109 Datasheet
186Kb / 2P
   High power stepper motor motion system
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
More results

Similar Description - PD-1070

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
   Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
logo
NHP Electrical Engineer...
1769-PB2 NHP-1769-PB2 Datasheet
627Kb / 1P
   COMPACTLOGIX 2A POWER SUPPLY 24V DC
8 June 2023,
1769-PB4 NHP-1769-PB4 Datasheet
627Kb / 1P
   COMPACTLOGIX 4A POWER SUPPLY 24V DC
8 June 2023,
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
   Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
logo
Monolithic Power System...
MEZD71202A MPS-MEZD71202A Datasheet
455Kb / 2P
   4.5V - 24V Input, 2A, DC/DC Power Supply
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
   4.5V - 24V Input, 1A, DC/DC Power Supply
logo
TiMOTION Technology Co....
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
   Input Voltage 12V DC, 24V DC
20230925-E
TBB5 TIMOTION-TBB5 Datasheet
279Kb / 3P
   Discharging voltage 24V DC, 4A
20230927-E
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
   Discharging voltage 24V DC, 1.5A
20180600-D
logo
NTE Electronics
57-24D-500-3 NTE-57-24D-500-3 Datasheet
777Kb / 1P
   24V AC-DC Switching Regulated Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com