Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1558 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1558
Description  Watchdog Clock with NV RAM Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1558 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1558 Datasheet HTML 4Page - Dallas Semiconductor DS1558 Datasheet HTML 5Page - Dallas Semiconductor DS1558 Datasheet HTML 6Page - Dallas Semiconductor DS1558 Datasheet HTML 7Page - Dallas Semiconductor DS1558 Datasheet HTML 8Page - Dallas Semiconductor DS1558 Datasheet HTML 9Page - Dallas Semiconductor DS1558 Datasheet HTML 10Page - Dallas Semiconductor DS1558 Datasheet HTML 11Page - Dallas Semiconductor DS1558 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS1558
8 of 18
READING THE CLOCK
When reading the RTC data, it is recommended to halt updates to the external set of double-buffered
RTC registers. This puts the external registers into a static state, allowing data to be read without register
values changing during the read process. Normal updates to the internal registers continue while in this
state. External updates are halted when a 1 is written into the read bit, B6 of the control register
(7FFF8h). As long as a 1 remains in the control register read bit, updating is halted. After a halt is issued,
the registers reflect the RTC count (day, date, and time) that was current at the moment the halt command
is issued. Normal updates to the external set of registers resume within 1 second after the read bit is set to
a 0 for a minimum of 500
ms. The read bit must be a 0 for a minimum of 500ms to ensure the external
registers are updated.
SETTING THE CLOCK
The MSB bit, B7, of the control register is the write bit. Setting the write bit to a 1, like the read bit, halts
updates to the 7FFF8h–7FFFFh registers. After setting the write bit to a 1, RTC registers can be loaded
with the desired RTC count (day, date, and time) in 24-hour BCD format. Setting the write bit to a 0 then
transfers the values written to the internal RTC registers and allows normal operation to resume.
CLOCK ACCURACY
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match
between the capacitive load of the oscillator circuit and the capacitive load for which the crystal was
trimmed. Additional error is added by the crystal-frequency drift caused by temperature shifts. External
circuit noise coupled into the oscillator circuit can result in the clock running fast. Refer to Application
Note 58 “Crystal Considerations with Dallas Real-Time Clocks” for detailed information.
FREQUENCY TEST MODE
The DS1558 frequency test mode uses the open-drain IRQ /FT output. With the oscillator running, the
IRQ
/FT output toggles at 512Hz when the FT bit is a 1, the alarm-flag enable bit (AE) is a 0, and the
watchdog-enable bit (WDS) is a 1, or the watchdog register is reset (register 7FFF7h = 00h). The IRQ /FT
output and the frequency test mode can be used as a measure of the actual frequency of the 32.768kHz
RTC oscillator. The IRQ /FT pin is an open-drain output that requires a pullup resistor for proper
operation. The FT bit is cleared to a 0 on power-up.
USING THE CLOCK ALARM
The alarm settings and control for the DS1558 reside within registers 7FFF2h–7FFF5h. Register 7FFF6h
contains two alarm-enable bits: alarm enable (AE) and alarm in backup enable (ABE). The AE and ABE
bits must be set as described below for the IRQ /FT output to be activated for a matched alarm condition.
The alarm can be programmed to activate on a specific day of the month or repeat every day, hour,
minute, or second. It can also be programmed to go off while the DS1558 is in the battery-backed state of
operation to serve as a system wake-up. Alarm mask bits AM1–AM4 control the alarm mode. Table 3
shows the possible settings. Configurations not listed in the table default to the once-per-second mode to
notify the user of an incorrect alarm setting.


Similar Part No. - DS1558

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558B MAXIM-DS1558B Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558D MAXIM-DS1558D Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558W MAXIM-DS1558W Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558W++ MAXIM-DS1558W+ Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
More results

Similar Description - DS1558

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com