Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1111 Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

Part # MM1111
Description  2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1111 Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

Back Button MM1111 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 10Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MITSUMI
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch MM1111~MM1118
Absolute Maximum Ratings (Ta=25°C)
Electrical Characteristics (Except where noted otherwise, Ta=25°C, VCC=5.0V)
Item
Symbol
Ratings
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC
15
V
Allowable loss
Pd
300 (SOP-8C)
1000 (SIP-8A)
mW
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Operating power supply voltage range
VCC
4.6
13.0
V
Consumption current
Id
Refer to Measuring Circuit
5.1
6.6
mA
Voltage gain
Gv
Refer to Measuring Circuit
5.5
6.0
6.5
dB
Frequency characteristic
FC
Refer to Measuring Circuit
-10
+1
dB
Differential gain
DG
Refer to Measuring Circuit
0
±3
%
Differential phase
DP
Refer to Measuring Circuit
0
±3
deg
Output offset voltage
Voff
Refer to Measuring Circuit
±30
mV
Crosstalk
CT
Refer to Measuring Circuit
-64
-54
dB
Switch 1 input voltage H
VIH1
Refer to Measuring Circuit
2.1
V
Switch 1 input voltage L
VIL1
Refer to Measuring Circuit
0.7
V
Switch 2 input voltage H
VIH2
Refer to Measuring Circuit
2.1
V
Switch 2 input voltage L
VIL2
Refer to Measuring Circuit
0.7
V
Output impedance
Ro
25


Similar Part No. - MM1111

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM110 WEITRON-MM110 Datasheet
209Kb / 3P
   Surface Mount Schottky Diodes
logo
Mitsumi Electronics, Co...
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
    Compander IC Monolithic IC MM1100
MM1102 MITSUMI-MM1102 Datasheet
268Kb / 10P
   Monolithic IC
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
   Monolithic IC
MM1104AF MITSUMI-MM1104AF Datasheet
114Kb / 4P
   Monolithic IC
More results

Similar Description - MM1111

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
Mitsumi Electronics, Co...
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
   2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Mitsumi Electronics, Co...
MM1231 MITSUMI-MM1231 Datasheet
143Kb / 7P
   2-Input 1-Output 3-Circuit Video Switch Monolithic IC
logo
Texas Instruments
TL52055 TI-TL52055_07 Datasheet
220Kb / 11P
[Old version datasheet]   WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com