Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24212SC-5 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY24212SC-5
Description  MediaClock MPEG Clock Generator with VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24212SC-5 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY24212SC-5 Datasheet HTML 1Page - Cypress Semiconductor CY24212SC-5 Datasheet HTML 2Page - Cypress Semiconductor CY24212SC-5 Datasheet HTML 3Page - Cypress Semiconductor CY24212SC-5 Datasheet HTML 4Page - Cypress Semiconductor CY24212SC-5 Datasheet HTML 5Page - Cypress Semiconductor CY24212SC-5 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY24212
PRELIMINARY
Document #: 38-07402 Rev. *B
Page 4 of 6
Voltage and Timing Definitions
Ordering Information
Ordering Code
Package Name
Package Type
Operating Range
Operating Voltage
CY24212SC-1
S8
8-Pin SOIC
Commercial
3.3V
CY24212SC-1T
S8
8-Pin SOIC -Tape and Reel
Commercial
3.3V
CY24212SC-2
S8
8-Pin SOIC
Commercial
3.3V
CY24212SC-2T
S8
8-Pin SOIC -Tape and Reel
Commercial
3.3V
CY24212SC-3
S8
8-Pin SOIC
Commercial
3.3V
CY24212SC-3T
S8
8-Pin SOIC -Tape and Reel
Commercial
3.3V
CY24212SC-5
S8
8-Pin SOIC
Commercial
3.3V
CY24212SC-5T
S8
8-Pin SOIC -Tape and Reel
Commercial
3.3V
Clock
Output
V
DD
50% of V
DD
0V
t
1
t
2
Figure 1. Duty Cycle Definition
Clock
Output
t
3
t
4
V
DD
80% of V
DD
20% of V
DD
0V
Figure 2. ER = (0.6 x VDD) /t3, EF = (0.6 x VDD) /t4


Similar Part No. - CY24212SC-5

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24212SC-5 CYPRESS-CY24212SC-5 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212SC-5T CYPRESS-CY24212SC-5T Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
More results

Similar Description - CY24212SC-5

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY241V08A-05 CYPRESS-CY241V08A-05 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-02 CYPRESS-CY241V08A-02 Datasheet
129Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-01 CYPRESS-CY241V08A-01 Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY24207 CYPRESS-CY24207 Datasheet
46Kb / 6P
   MediaClock PDP Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com