Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKP04N60T Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IKP04N60T
Description  IGBT in TRENCHSTOPTM and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP04N60T Datasheet(HTML) 2 Page - Infineon Technologies AG

  IKP04N60T Datasheet HTML 1Page - Infineon Technologies AG IKP04N60T Datasheet HTML 2Page - Infineon Technologies AG IKP04N60T Datasheet HTML 3Page - Infineon Technologies AG IKP04N60T Datasheet HTML 4Page - Infineon Technologies AG IKP04N60T Datasheet HTML 5Page - Infineon Technologies AG IKP04N60T Datasheet HTML 6Page - Infineon Technologies AG IKP04N60T Datasheet HTML 7Page - Infineon Technologies AG IKP04N60T Datasheet HTML 8Page - Infineon Technologies AG IKP04N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IKP04N60T
TRENCHSTOP
TM Series
q
IFAG IPC TD VLS
2
Rev. 2.8 17.02.2016
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
R t h J C
3.5
K/W
Diode thermal resistance,
junction – case
R t h J C D
5
Thermal resistance,
junction – ambient
R t h J A
62
Electrical Characteristic, at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Conditions
Value
Unit
min.
Typ.
max.
Static Characteristic
Collector-emitter breakdown voltage
V ( B R ) C E S
V G E = 0 V , I C = 0 . 2 m A
600
-
-
V
Collector-emitter saturation voltage
V C E ( s a t )
V G E = 1 5 V , I C = 4 A
T j= 2 5 ° C
T j= 1 7 5 ° C
-
-
1.5
1.9
2.05
-
Diode forward voltage
V F
V G E = 0 V , I F = 4 A
T j= 2 5 ° C
T j= 1 7 5 ° C
-
-
1.65
1.6
2.05
-
Gate-emitter threshold voltage
V G E ( t h )
I C = 6 0 µ A , V C E = V G E
4.1
4.9
5.7
Zero gate voltage collector current
I C E S
V C E = 6 0 0 V , V G E = 0 V
T j= 2 5 ° C
T j= 1 7 5 ° C
-
-
-
-
40
1000
µA
Gate-emitter leakage current
I G E S
V C E = 0 V , V G E = 2 0 V
-
-
100
nA
Transconductance
g f s
V C E = 2 0 V , I C = 4 A
-
2.2
-
S
Integrated gate resistor
R G in t
-
Ω
Dynamic Characteristic
Input capacitance
C i e s
V C E = 2 5 V ,
V G E = 0 V ,
f = 1 M H z
-
252
-
pF
Output capacitance
C o e s
-
20
-
Reverse transfer capacitance
C r e s
-
7.5
-
Gate charge
Q G a t e
V C C = 4 8 0 V , I C = 4 A
V G E = 1 5 V
-
27
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
L E
-
7
-
nH
Short circuit collector current
1)
I C ( S C )
V G E = 1 5 V , t S C ≤ 5 µs
V C C = 4 0 0 V ,
T j ≤ 150° C
-
36
-
A
1) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - IKP04N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP04N60T INFINEON-IKP04N60T Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
More results

Similar Description - IKP04N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA06N60T INFINEON-IKA06N60T_13 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB20N60T INFINEON-IKB20N60T_14 Datasheet
703Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKP06N60T INFINEON-IKP06N60T_14 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKP20N60T INFINEON-IKP20N60T_15 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW30N60T INFINEON-IKW30N60T_15 Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
IKA15N60T INFINEON-IKA15N60T_16 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 25.07.2016
IKP10N60T INFINEON-IKP10N60T_15 Datasheet
458Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com