Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0784461022 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0784461022
Description  Impact 5 Pair, Vertical Power Header, 40.00mm Stack Height, Press-Fit, LCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0784461022 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0784461022 Datasheet HTML 1Page - Molex Electronics Ltd. 0784461022 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/16/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0784461022
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 5 Pair, Vertical Power Header, 40.00mm Stack Height, Press-Fit, LCP, Glass
Filled, UL94-V0, Black, Tray Packaging, Lead-Free
Documents:
3D Model
Packaging Specification PK-78446-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-78213-001-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
78446
Application
Mezzanine
Application Tooling Documents
TM-622018799
Component Type
Power Header
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
883906511494
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
15.340/g
Number of Columns
N/A
Number of Pairs
5
Number of Rows
2
Orientation
Vertical
PC Tail Length
2.50mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
5.20mm
Pitch - Termination Interface
2.00mm, 3.20mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
78446 Series
Mates With
78216 Impact™ Vertical Receptacles
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Press-In Tool for
Vertical Power
Header, 5-Pair
Assemblies
0622018697
Removal Tool for
6-Pair Vertical
0621008200


Similar Part No. - 0784461022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0784461022 MOLEX1-0784461022_17 Datasheet
38Kb / 2P
   Impact 5 Pair, Vertical Power Header, 40.00mm Stack Height, Press-Fit
More results

Similar Description - 0784461022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0784461022 MOLEX1-0784461022_17 Datasheet
38Kb / 2P
   Impact 5 Pair, Vertical Power Header, 40.00mm Stack Height, Press-Fit
0784463822 MOLEX1-0784463822_17 Datasheet
34Kb / 2P
   Impact 5 Pair, Vertical Power Header, 38.00mm Stack Height, Press-Fit, LCP
0784463822 MOLEX11-0784463822 Datasheet
36Kb / 2P
   Impact 5 Pair, Vertical Power Header, 38.00mm Stack Height, Press-Fit, LCP
0786922222 MOLEX11-0786922222 Datasheet
38Kb / 2P
   Impact 5 Pair, Vertical Power Header, 22.00mm Stack Height, Press-Fit, LCP
0786922222 MOLEX1-0786922222_17 Datasheet
36Kb / 2P
   Impact 5 Pair, Vertical Power Header, 22.00mm Stack Height, Press-Fit, LCP
0784421022 MOLEX11-0784421022 Datasheet
37Kb / 2P
   Impact 6 Pair, Vertical Power Header, 39.00mm Stack Height, Press-Fit, LCP
0784421022 MOLEX1-0784421022_17 Datasheet
35Kb / 2P
   Impact 6 Pair, Vertical Power Header, 39.00mm Stack Height, Press-Fit, LCP
0782161001 MOLEX11-0782161001 Datasheet
37Kb / 2P
   Impact 5 Pair, Vertical Power Receptacle, Press-Fit, LCP
0782141001 MOLEX11-0782141001 Datasheet
35Kb / 2P
   Impact 4 Pair, Vertical Power Receptacle, Press-Fit, LCP
0782145001 MOLEX11-0782145001 Datasheet
41Kb / 2P
   Impact 4 Pair, Vertical Power Receptacle, Press-Fit, LCP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com