Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW08T120 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IKW08T120
Description  IGBT in TrenchStop짰 and Fieldstop technology with soft,
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW08T120 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IKW08T120 Datasheet HTML 7Page - Infineon Technologies AG IKW08T120 Datasheet HTML 8Page - Infineon Technologies AG IKW08T120 Datasheet HTML 9Page - Infineon Technologies AG IKW08T120 Datasheet HTML 10Page - Infineon Technologies AG IKW08T120 Datasheet HTML 11Page - Infineon Technologies AG IKW08T120 Datasheet HTML 12Page - Infineon Technologies AG IKW08T120 Datasheet HTML 13Page - Infineon Technologies AG IKW08T120 Datasheet HTML 14Page - Infineon Technologies AG IKW08T120 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IKW08T120
TrenchStop
® Series
IFAG IPC TD VLS
11
Rev. 2.4 12.06.2013
0V
200V
400V
600V
0A
10A
20A
30A
1.5us
1us
0.5us
0us
I
C
V
CE
0V
200V
400V
600V
0A
10A
20A
30A
1.5us
1us
0.5us
0us
I
C
V
CE
t, TIME
t, TIME
Figure 21. Typical turn on behavior
(VGE=0/15V, RG=81Ω, Tj = 150C,
Dynamic test circuit in Figure E)
Figure 22. Typical turn off behavior
(VGE=15/0V, RG=81Ω, Tj = 150C,
Dynamic test circuit in Figure E)
10µs
100µs
1ms
10ms
100ms
10
-2K/W
10
-1
K/W
10
0
K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
10µs
100µs
1ms
10ms
100ms
10
-2K/W
10
-1K/W
10
0K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
tP, PULSE WIDTH
tP, PULSE WIDTH
Figure 23. IGBT transient thermal resistance
(D = tp / T)
Figure 24. Diode transient thermal
impedance as a function of pulse
width
(D=tP/T)
R , ( K / W )
 , ( s )  
0.187
1.73*10
-1
0.575
2.75*10
-2
0.589
2.57*10
-3
0.350
2.71*10
-4
C 1 = 1 / R 1
R 1
R 2
C 2 = 2 / R 2
R , ( K / W )
 , ( s )  
0.552
7.23*10
-2
0.732
8.13*10
-3
0.671
1.09*10
-3
0.344
1.55*10
-4
C 1 = 1 / R 1
R 1
R 2
C 2 = 2 / R 2


Similar Part No. - IKW08T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
IKW08T120 INFINEON-IKW08T120 Datasheet
372Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
IKW08T120 INFINEON-IKW08T120_08 Datasheet
372Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
More results

Similar Description - IKW08T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW25T120 INFINEON-IGW25T120_09 Datasheet
355Kb / 12P
   Low Loss IGBT in TrenchStop짰 and Fieldstop technology
Rev. 2.4 Nov. 09
IGP15N60T INFINEON-IGP15N60T_07 Datasheet
404Kb / 12P
   Low Loss IGBT in TrenchStop짰 and Fieldstop technology
Rev. 2.2 Sep. 07
IKP20N60TA INFINEON-IKP20N60TA Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
IKW08T120 INFINEON-IKW08T120_08 Datasheet
372Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
IKW25T120 INFINEON-IKW25T120_08 Datasheet
374Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Sep 08
IGD06N60T INFINEON-IGD06N60T Datasheet
460Kb / 12P
   IGBT in TRENCHSTOP and Fieldstop technology
Rev. 2.2, 20.09.2013
IKW20N60H3 INFINEON-IKW20N60H3_14 Datasheet
2Mb / 16P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
Rev.2.2,2014-03-12
IKW30N60H3 INFINEON-IKW30N60H3_14 Datasheet
2Mb / 16P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
Rev.2.2,2014-03-12
SIGC42T120CQ INFINEON-SIGC42T120CQ Datasheet
36Kb / 4P
   IGBT Chip in Fieldstop -technology
Rev. 1.1, 20.12.2005
SIGC156T120R2CQ INFINEON-SIGC156T120R2CQ Datasheet
78Kb / 4P
   IGBT Chip in Fieldstop-technology
02.06.2005, Edition 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com