Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW08T120 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKW08T120
Description  IGBT in TrenchStop짰 and Fieldstop technology with soft,
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW08T120 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKW08T120_13 Datasheet HTML 2Page - Infineon Technologies AG IKW08T120_13 Datasheet HTML 3Page - Infineon Technologies AG IKW08T120_13 Datasheet HTML 4Page - Infineon Technologies AG IKW08T120_13 Datasheet HTML 5Page - Infineon Technologies AG IKW08T120_13 Datasheet HTML 6Page - Infineon Technologies AG IKW08T120_13 Datasheet HTML 7Page - Infineon Technologies AG IKW08T120_13 Datasheet HTML 8Page - Infineon Technologies AG IKW08T120_13 Datasheet HTML 9Page - Infineon Technologies AG IKW08T120_13 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IKW08T120
TrenchStop
® Series
IFAG IPC TD VLS
6
Rev. 2.4 12.06.2013
10Hz
100Hz
1kHz
10kHz
100kHz
0A
5A
10A
15A
20A
T
C=110°C
T
C=80°C
1V
10V
100V
1000V
0,01A
0,1A
1A
10A
DC
10µs
t
p=2µs
50µs
500µs
20ms
150µs
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj  150C, D = 0.5, VCE = 600V,
VGE = 0/+15V, RG = 81)
Figure 2. Safe operating area
(D = 0, TC = 25C,
Tj 150C;VGE=15V)
25°C
50°C
75°C
100°C
125°C
0W
10W
20W
30W
40W
50W
60W
70W
25°C
75°C
125°C
0A
5A
10A
15A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function of
case temperature
(Tj  150C)
Figure 4. Collector current as a function of
case temperature
(VGE  15V, Tj  150C)
Ic
Ic


Similar Part No. - IKW08T120_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW08T120 INFINEON-IKW08T120_08 Datasheet
372Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
More results

Similar Description - IKW08T120_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW25T120 INFINEON-IGW25T120_09 Datasheet
355Kb / 12P
   Low Loss IGBT in TrenchStop짰 and Fieldstop technology
Rev. 2.4 Nov. 09
IGP15N60T INFINEON-IGP15N60T_07 Datasheet
404Kb / 12P
   Low Loss IGBT in TrenchStop짰 and Fieldstop technology
Rev. 2.2 Sep. 07
IKP20N60TA INFINEON-IKP20N60TA Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
IKW08T120 INFINEON-IKW08T120_08 Datasheet
372Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
IKW25T120 INFINEON-IKW25T120_08 Datasheet
374Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Sep 08
IGD06N60T INFINEON-IGD06N60T Datasheet
460Kb / 12P
   IGBT in TRENCHSTOP and Fieldstop technology
Rev. 2.2, 20.09.2013
IKW20N60H3 INFINEON-IKW20N60H3_14 Datasheet
2Mb / 16P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
Rev.2.2,2014-03-12
IKW30N60H3 INFINEON-IKW30N60H3_14 Datasheet
2Mb / 16P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
Rev.2.2,2014-03-12
SIGC42T120CQ INFINEON-SIGC42T120CQ Datasheet
36Kb / 4P
   IGBT Chip in Fieldstop -technology
Rev. 1.1, 20.12.2005
SIGC156T120R2CQ INFINEON-SIGC156T120R2CQ Datasheet
78Kb / 4P
   IGBT Chip in Fieldstop-technology
02.06.2005, Edition 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com