Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8501E2K5 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC8501E2K5
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8501E2K5 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC8501E2K5 Datasheet HTML 2Page - Burr-Brown (TI) DAC8501E2K5 Datasheet HTML 3Page - Burr-Brown (TI) DAC8501E2K5 Datasheet HTML 4Page - Burr-Brown (TI) DAC8501E2K5 Datasheet HTML 5Page - Burr-Brown (TI) DAC8501E2K5 Datasheet HTML 6Page - Burr-Brown (TI) DAC8501E2K5 Datasheet HTML 7Page - Burr-Brown (TI) DAC8501E2K5 Datasheet HTML 8Page - Burr-Brown (TI) DAC8501E2K5 Datasheet HTML 9Page - Burr-Brown (TI) DAC8501E2K5 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DAC8501
6
SBAS212A
www.ti.com
TYPICAL CHARACTERISTICS: VDD = +5V (Cont.)
At TA = +25°C, and +VDD = +5V, unless otherwise noted.
SOURCE AND SINK CURRENT CAPABILITY
0
I
SOURCE/SINK (mA)
510
15
5
4
3
2
1
0
DAC Loaded with FFFF
H
DAC Loaded with 0000
H
SUPPLY CURRENT vs DIGITAL INPUT CODE
0000
H
Digital Input Code
2000
H 4000H 6000H 8000H A000H C000H E000H FFFFH
500
400
300
200
100
0
SUPPLY CURRENT vs SUPPLY VOLTAGE
2.7
V
DD (V)
3.2
3.7
4.2
4.7
5.2
5.7
350
300
250
200
150
100
50
0
V
REF tied to VDD.
POWER-SUPPLY CURRENT vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
350
300
250
200
150
100
50
0
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
0
V
LOGIC (V)
12
3
4
5
700
600
500
400
300
200
100
POWER-DOWN CURRENT vs SUPPLY VOLTAGE
2.7
V
DD (V)
3.2
3.7
4.2
4.7
5.2
5.7
100
90
80
70
60
50
40
30
20
10
0
+25
°C
–40
°C
+105
°C


Similar Part No. - DAC8501E2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8501E/250 TI1-DAC8501E/250 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501E/250G4 TI1-DAC8501E/250G4 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501E/2K5 TI1-DAC8501E/2K5 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501E/2K5G4 TI1-DAC8501E/2K5G4 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8501E2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC707SH TI-DAC707SH Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
[Old version datasheet]   16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC8544 TI-DAC8544 Datasheet
476Kb / 20P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com