Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-C313RD-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BS-C313RD-B
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS-C313RD-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BS-C313RD-B Datasheet HTML 1Page - List of Unclassifed Manufacturers BS-C313RD-B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-A311RD
BS-C311RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BS-A315RD
BS-C315RD
BS-A315RE
BS-C315RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A312RD
BS-C312RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BS-A313RD
BS-C313RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A314RD
BS-C314RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BS-A316RD
BS-C316RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
BS-A31DRD
BS-C31DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
SD-07
BS-A311RD-A
BS-C311RD-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BS-A315RD-A
BS-C315RD-A
BS-A315RE-A
BS-C315RE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A312RD-A
BS-C312RD-A
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BS-A313RD-A
BS-C313RD-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A314RD-A
BS-C314RD-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BS-A316RD-A
BS-C316RD-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
BS-A31DRD-A
BS-C31DRD-A
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
SD-08
BS-A311RD-B
BS-C311RD-B
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BS-A315RD-B
BS-C315RD-B
BS-A315RE-B
BS-C315RE-B
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A312RD-B
BS-C312RD-B
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BS-A313RD-B
BS-C313RD-B
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A314RD-B
BS-C314RD-B
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BS-A316RD-B
BS-C316RD-B
GaAlAs/ SH Super Red
660
20
60
30
150
1.7
2.5
6.0
BS-A31DRD-B
BS-C31DRD-B
GaAlAs/ DH Super Red
660
20
60
30
150
1.7
2.5
7.0
SD-09
BS-A331RD
BS-C331RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BS-A335RD
BS-C335RD
BS-A335RE
BS-C335RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A332RD
BS-C332RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BS-A333RD
BS-C333RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A334RD
BS-C334RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BS-A336RD
BS-C336RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.30"
Single-Digit
BS-A33DRD
BS-C33DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
SD-10
BS-A361RD
BS-C361RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BS-A365RD
BS-C365RD
BS-A365RE
BS-C365RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A362RD
BS-C362RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BS-A363RD
BS-C363RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A364RD
BS-C364RD
GaAsP/GaP/ Orange
635
45
100
30
150
2.0
2.5
3.0
BS-A366RD
BS-C366RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.31"
Single-Digit
BS-A36DRD
BS-C36DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
SD-11
BS-A321RD
BS-C321RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BS-A325RD
BS-C325RD
BS-A325RE
BS-C325RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A322RD
BS-C322RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BS-A323RD
BS-C323RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A324RD
BS-C324RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BS-A36RD
BS-C326RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.36"
Single-Digit
BS-A32DRD
BS-C32DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
SD-12
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-C313RD-B

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BS-C313RD-B YSTONE-BS-C313RD-B Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-C313RD-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com