Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC12R-3125F-S0024 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PEC12R-3125F-S0024
Description  12 mm Incremental Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC12R-3125F-S0024 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PEC12R-3125F-S0024 Datasheet HTML 1Page - Bourns Electronic Solutions PEC12R-3125F-S0024 Datasheet HTML 2Page - Bourns Electronic Solutions PEC12R-3125F-S0024 Datasheet HTML 3Page - Bourns Electronic Solutions PEC12R-3125F-S0024 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PEC12R-12mmIncrementalEncoder
Features
n
Compactdesign,longlifeandhigh
reliability
n
Momentarypushswitchoption
n
Availableinawidevarietyofconfigurations
tomeetmanyuserrequirements
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Devicesaretestedusingstandardnoisereductionfilters.Foroptimumperformance,designersshouldusenoisereductionfiltersintheircircuits.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Electrical Characteristics
Output....................................................................................................................................................................................................2-bit quadrature code
Contact Rating.............................................................................................................................................................................................. 10 mA @ 5 VDC
Insulation Resistance .....................................................................................................................................................................10 megohms @ 250 VDC
Dielectric Withstanding Voltage
Sea Level.................................................................................................................................................................................................50 VAC minimum
Electrical Travel .....................................................................................................................................................................................................Continuous
Contact Bounce (15 RPM)........................................................................................................................................................................2.0 ms. maximum**
RPM (Operating) ............................................................................................................................................................................................100 maximum**
Environmental Characteristics
Operating Temperature Range.......................................................................................................................................-30 °C to +70 °C (-22 °F to +158 °F)
Storage Temperature Range ..........................................................................................................................................-40 °C to +85 °C (-40 °F to +185 °F)
Humidity................................................................................................................................................................. MIL-STD-202, Method 103B, Condition B
Vibration ................................................................................................................................................................10~55~10 Hz / 1 min. / Amplitude 1.5 mm
Shock.............................................................................................................................................................................................................................100 G
Rotational Life.................................................................................................................................................................................... 30,000 cycles minimum
Switch Life ......................................................................................................................................................................................... 20,000 cycles minimum
IP Rating..........................................................................................................................................................................................................................IP 40
Mechanical Characteristics
Mechanical Angle .........................................................................................................................................................................................360 ° continuous
Torque
Detent............................................................................................................................................................................30 to 90 gf-cm (0.41 to 1.25 oz-in)
Running .........................................................................................................................................................................10 to 70 gf-cm (0.14 to 0.97 oz-in)
Mounting.......................................................................................................................................................................10.2 kgf.cm (8.83 lb.-in.) maximum
Shaft Side Load (Static)................................................................................................................................................................2.04 kgf (4.5 lbs.) minimum
Weight ..............................................................................................................................................................................................3 gm (0.1 oz.) maximum
Terminals ................................................................................................................................................................................. Printed circuit board terminals
Terminals ................................................................................................................................................................................. Printed circuit board terminals
Soldering Condition
Wave Soldering .......................................................................................... Sn95.5/Ag2.8/Cu0.7 solder with no-clean flux: 260 °C max. for 3 ± 1 sec.
Hand Soldering................................................................................................................................................................................. Not recommended
Hardware.................................................................................................. One flat washer and one mounting nut supplied with each encoder with bushing
Switch Characteristics
Switch Type ....................................................................................................................................................................Contact Push ON Momentary SPST
Power Rating (Resistive Load).....................................................................................................................................................................10 mA at 5 V DC
Switch Travel ......................................................................................................................................................................................................0.5 ± 0.3 mm
Switch Actuation Force........................................................................................................................................................610 ± 306 gf (8.47 ± 4.24 oz.-in.)
Contact Resistance ...........................................................................................................................................................................100 milliohms @ 5 VDC
How To Order
PEC12R - 4 0 20 F - S 0012
Model
Terminal/Bushing Configuration
2 = Vertical Mount - Radial PC Pin/No Bushing
3 = Horizontal Mount - Axial PC Pin/with Bushing
4 = Horizontal Mount - Axial PC Pin/No Bushing
Detent Option
0 = No Detents
1 = 12 Detents (available with 12 pulses only)
2 = 24 Detents
Standard Shaft Length
15 = 15.0 mm (Horizontal Mount/No Bushing only)
22 = 22.5 mm
17 = 17.5 mm
25 = 25.0 mm
20 = 20.0 mm
30 = 30.0 mm
Shaft Style
F = Insulated Flatted Shaft
Switch Configuration
S = Push Momentary Switch
N = No Switch
Resolution
0012 = 12 Pulses per 360 ° Rotation
0024 = 24 Pulses per 360 ° Rotation
Quadrature Output Table
ASignal
CW
D
ON
OFF
BSignal
CCW


Similar Part No. - PEC12R-3125F-S0024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC12R-3125F-S0012 BOURNS-PEC12R-3125F-S0012 Datasheet
371Kb / 4P
   12 mm Incremental Encoder
More results

Similar Description - PEC12R-3125F-S0024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
   PEC11 Series - 12 mm Incremental Encoder
PEC11S BOURNS-PEC11S Datasheet
378Kb / 3P
   PEC11S Series - 12 mm SMD Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com