Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC12R-2125F-S0024 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PEC12R-2125F-S0024
Description  12 mm Incremental Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC12R-2125F-S0024 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PEC12R-2125F-S0024 Datasheet HTML 1Page - Bourns Electronic Solutions PEC12R-2125F-S0024 Datasheet HTML 2Page - Bourns Electronic Solutions PEC12R-2125F-S0024 Datasheet HTML 3Page - Bourns Electronic Solutions PEC12R-2125F-S0024 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
PEC12R-12mmIncrementalEncoder
Product Dimensions
REV.11/16
L
F
LB
SWITCH
TRAVEL
6.1
(.240)
4.5+0/-0.1
(.177+0/-.004)
3.5
(.138)
0.4+0.3/-0.2
(.016+.012/-.008)
MOUNTING
SURFACE
7.0
(.276)
PEC12R-4xxxF-Sxxxx (Horizontal Mount - Axial PC Pin/No Bushing, Push Momentary Switch)
6.0+0/-0.1
(.236+0/-.004)
DIA.
5.0
(.197)
B
C
A
2
1
C
B
A CHANNELA
COMMON
CHANNELB
14.0
(.551)
3PLCS.
0.8
(.031)
13.2
(.520)
7.5
(.295)
7.0
(.276)
2PLCS.
2.6
(.102)
1.0+0.2/-0
(.039+.008/-0)
DIA.5PLCS.
C
B
A
5.0
(.197)
2.0
(.079)
2PLCS.
2
1
PEC12R-4xxxF-Nxxxx (Horizontal Mount - Axial PC Pin/No Bushing, No Switch)
13.2
(.520)
7.5
(.295)
2PLCS.
2.6
(.102)
1.0+0.2/-0
(.039+.008/-0)
DIA.3PLCS.
C
B
A
5.0
(.197)
2.0
(.079)
2PLCS.
L
F
LB
5.1
(.201)
4.5+0/-0.1
(.177+0/-.004)
4.7
(.185)
2.0
(.079)
MOUNTING
SURFACE
6.0+0/-0.1
(.236+0/-.004)
DIA.
B
C
A
C
B
A CHANNELA
COMMON
CHANNELB
12.4
(.488)
13.4
(.528)
5.0
(.197)
2.0
(.079)
L
15.0
(.591)
17.5
(.688)
20.0
(.787)
22.5
(.886)
25.0
(.984)
30.0
(1.181)
LB
2.0
(.079)
5.0
(.197)
5.0
(.197)
5.0
(.197)
5.0
(.197)
5.0
(.197)
F
5.0
(.197)
5.0
(.197)
7.0
(.276)
7.0
(.276)
12.0
(.472)
12.0
(.472)
DIMENSIONS:
MM
(INCHES)
TOLERANCE:
<10
(<.400)
= ±0.3
(±.012)
≥10
(≥.400)
= ±0.5
(±.020)


Similar Part No. - PEC12R-2125F-S0024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC12R-2125F-S0012 BOURNS-PEC12R-2125F-S0012 Datasheet
371Kb / 4P
   12 mm Incremental Encoder
More results

Similar Description - PEC12R-2125F-S0024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
   PEC11 Series - 12 mm Incremental Encoder
PEC11S BOURNS-PEC11S Datasheet
378Kb / 3P
   PEC11S Series - 12 mm SMD Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com