Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28158PVCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY28158PVCT
Description  Spread Spectrum Timing Solution for Serverworks Chipset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28158PVCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY28158PVCT Datasheet HTML 1Page - Cypress Semiconductor CY28158PVCT Datasheet HTML 2Page - Cypress Semiconductor CY28158PVCT Datasheet HTML 3Page - Cypress Semiconductor CY28158PVCT Datasheet HTML 4Page - Cypress Semiconductor CY28158PVCT Datasheet HTML 5Page - Cypress Semiconductor CY28158PVCT Datasheet HTML 6Page - Cypress Semiconductor CY28158PVCT Datasheet HTML 7Page - Cypress Semiconductor CY28158PVCT Datasheet HTML 8Page - Cypress Semiconductor CY28158PVCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY28158
Document #: 38-07039 Rev. *B
Page 2 of 10
Pin Definitions
Name
Pins
Description
X1[1]
5
Reference crystal input
X2[1]
6
Reference crystal feedback
CPU [0–5]
41, 42, 45, 46, 49, 50
CPU clock outputs
PCI [1–5]
11, 12, 14, 15, 18
PCI clock outputs, synchronously running at 33.33 MHz
PCI_F
9
Free running PCI clock
3V66 [0–1]
25, 26
3V66 clock outputs, running at 66.66 MHz
IOAPIC [0–2]
53, 54, 55
IOAPIC clock outputs, running at 16.67 MHz
REF [0–1]
2, 3
Reference clock outputs, 14.318 MHz
48MHZ
30
48-MHz USB clock output
CPU_STOP#
36
Active LOW input, disables CPU and 3V66 clocks when asserted
PCI_STOP#
37
Active LOW input, disables PCI clocks when asserted
PWR_DWN#
35
Active LOW input, powers down part when asserted
SPREAD#
34
Active LOW input, enables spread spectrum when asserted
SEL1
33
CPU frequency select input (See Function Table)
SEL0
32
CPU frequency select input (See Function Table)
SEL133/100#
28
CPU frequency select input (See Function Table)
GND_REF
1
3.3V Reference ground
GND_PCI
7, 8, 13, 19
3.3V PCI ground
GND_3V66
20, 21, 24
3.3V 66-MHz (AGP) ground
GND_48MHZ
29
3.3V 48-MHz (USB) ground
GND_IOAPIC
52
2.5V APIC ground
GND_CPU
40, 44, 48
2.5V CPU ground
GNDA
38
Analog ground to PLL and Core
VDD_REF
4
3.3V Reference voltage supply
VDD_PCI
10, 16, 17
3.3V PCI voltage supply
VDD_3V66
22, 23, 27
3.3V 66-MHz (AGP) voltage supply
VDD_48MHZ
31
3.3V 48-MHz (USB) voltage supply
VDD_IOAPIC
56
2.5V APIC voltage supply
VDD_CPU
43, 47, 51
2.5V CPU voltage supply
VDDA
39
Analog voltage supply to PLL and Core
Note:
1.
For best accuracy, use a parallel-resonant crystal, CLOAD = 18 pF. For crystals with different CLOAD, please refer to the application note, “Crystal Oscillator
Topics.”


Similar Part No. - CY28158PVCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28158PVCT SPECTRALINEAR-CY28158PVCT Datasheet
182Kb / 9P
   Spread Spectrum Timing Solution for Serverworks Chipset
More results

Similar Description - CY28158PVCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28158 SPECTRALINEAR-CY28158 Datasheet
182Kb / 9P
   Spread Spectrum Timing Solution for Serverworks Chipset
logo
Renesas Technology Corp
RD151TS3313ARP RENESAS-RD151TS3313ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
   Spread Spectrum Clock for EMI Solution
logo
Cypress Semiconductor
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
logo
Renesas Technology Corp
RD151TS3314ARP RENESAS-RD151TS3314ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS305RP RENESAS-HD151TS305RP Datasheet
82Kb / 10P
   Spread Spectrum Clock for EMI Solution
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
   Spread Spectrum Clock for EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com