Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622018668 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0622018668
Description  Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 5.70mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018668 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622018668 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018668 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/17/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0782151033
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 5.70mm,
B1 & B2 Length 6.90mm, LCP, Glass Filled, UL94-V0, Black, Tray Packaging, Lead-
Free
Documents:
3D Model
Packaging Specification PK-78215-001 (PDF)
Drawing (PDF)
Packaging Specification PK-78215-002 (PDF)
Product Specification PS-78213-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
78215
Application
Conventional, Coplanar
Application Tooling Documents
TM-622018799
Component Type
Power Header
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
884982587922
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
Yes
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
18.656/g
Number of Columns
N/A
Number of Pairs
5
Number of Rows
2
Orientation
Right Angle
PC Tail Length
2.50mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
5.20mm
Pitch - Termination Interface
2.00mm, 3.20mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
78215 Series
Mates With
78216 Impact™ Vertical Receptacle, 78352
Right Angle Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Impact™ Power
Module Right Angle
Removal Tool
0622024500


Similar Part No. - 0622018668

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018668 MOLEX11-0622018668 Datasheet
36Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 6.90mm
0622018668 MOLEX11-0622018668 Datasheet
42Kb / 2P
   Impact 5 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0622018668 MOLEX11-0622018668 Datasheet
41Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 5.70mm
0622018668 MOLEX11-0622018668 Datasheet
42Kb / 2P
   Impact 5 Pair Right Angle Power Header, 2 Modules with Left Hold-Down
0622018668 MOLEX11-0622018668 Datasheet
41Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 6.90mm B1 & B2 Length 5.70mm
More results

Similar Description - 0622018668

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782151033 MOLEX1-0782151033_17 Datasheet
40Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2 Length 5.70mm
0782131033 MOLEX1-0782131033_17 Datasheet
41Kb / 2P
   Impact 4 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2 Length 5.70mm
0782111033 MOLEX11-0782111033 Datasheet
42Kb / 2P
   Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 5.70mm
0782131033 MOLEX11-0782131033 Datasheet
43Kb / 2P
   Impact 4 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 5.70mm
0782111033 MOLEX1-0782111033_17 Datasheet
41Kb / 2P
   Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2 Length 5.70mm
0782151022 MOLEX11-0782151022 Datasheet
41Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 5.70mm
0782151044 MOLEX11-0782151044 Datasheet
41Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 6.90mm B1 & B2 Length 5.70mm
0782131022 MOLEX11-0782131022 Datasheet
42Kb / 2P
   Impact 4 Pair Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 5.70mm
0782111022 MOLEX11-0782111022 Datasheet
42Kb / 2P
   Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 5.70mm
0782151044 MOLEX1-0782151044_17 Datasheet
40Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2 Length 6.90mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com