Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1084CN263L Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM1084CN263L
Description  5.0 AMP POSITIVE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM1084CN263L Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM1084CN263L Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1084CN263L Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1084CN263L Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1084CN263L Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1084CN263L Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1084CN263L Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1084CN263L Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CM1084
5.0 AMP POSITIVE VOLTAGE REGULATOR
2003/05/14
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, Adj VIN = 2.75V to 7.0V and Adj I0 =10mA to 5.0A
Test Conditions
Test Limits
Parameter
Symbol
VIN
l0
Tj
Min
Typ
Max
Units
5V
0mA
25℃
0.99l V0I
V0
1.01IV0I
Output Voltage
1
Fixed Voltage
VO
5A
125℃
0.98l V0I
V0
1.02IV0I
V
5V
10mA
25℃
1.238
1.250
1.262
Reference Voltage
1
Adj Voltage Version
VREF
5A
125℃
1.225
1.250
1.275
V
Line Regulation
1
REGLINE
10mA
25℃
0.015
0.2
%
Load Regulation
1
REGLOAD
5V
25℃
0.1
0.3
%
Dropout Voltage
2
CM1084
VD
25℃
1.3
V
Current Limit
ICL
125℃
5.0
7.5
A
Quiescent Current
IO
5V
Temperature Coefficient
TC
0.005
%/℃
Adjust Pin Current
IADJ
25℃
55
120
μA
Adjust Pin Current
Change
ΔIADJ
0.2
5
μA
Temperature Stability
TS
5V
0.5A
0.5
%
Minimum Load Current
Adj Voltage Version
IO
5V
5
10
mA
RMS Output Noise
3
VN
25℃
0.003
%VO
Ripple Rejection Ratio
4
RA
5V
5.0A
60
72
dB
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) ΔVOUT , ΔVREF =1%
(3) Bandwidth of 10 Hz to 10 kHz.
(4) 120 Hz input ripple(CADJ for ADJ=25μF)


Similar Part No. - CM1084CN263L

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
   USB Audio I/O Controller
logo
Chicago Miniature Lamp,...
CM1080 CML-CM1080 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM1080 VCC-CM1080 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
List of Unclassifed Man...
CM1085 ETC-CM1085 Datasheet
109Kb / 6P
   3.0 AMP POSITIVE VOLTAGE REGULATOR
CM1085CN252 ETC-CM1085CN252 Datasheet
109Kb / 6P
   3.0 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - CM1084CN263L

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1087 SEMTECH-EZ1087 Datasheet
80Kb / 4P
   5.0 AMP REMOTE SENSE VOLTAGE REGULATOR
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
   10.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085 Datasheet
100Kb / 4P
   3.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1083 SEMTECH-EZ1083 Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com