Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC11R-4125K-N0012 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PEC11R-4125K-N0012
Description  12 mm Incremental Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11R-4125K-N0012 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PEC11R-4125K-N0012 Datasheet HTML 1Page - Bourns Electronic Solutions PEC11R-4125K-N0012 Datasheet HTML 2Page - Bourns Electronic Solutions PEC11R-4125K-N0012 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Pushswitchoption
n
Compact,ruggeddesign
n
Highreliability
n
Metalbushing/shaft
PEC11RSeries-12mmIncrementalEncoder
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Devicesaretestedusingstandardnoisereductionfilters.Foroptimumperformance,designersshouldusenoisereductionfiltersintheircircuits.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
How To Order
PEC11R - 4 0 20 F - S 0012
Model
Terminal Configuration
4 = PC Pin Horizontal/Rear Facing
Detent Option
0 = No Detents (12, 18, 24 pulses)
1 = 18 Detents (18 pulses)
2 = 24 Detents (12, 24 pulses)
3 = 12 Detents (12, 24 pulses)
Standard Shaft Length
15 = 15.0 mm
20 = 20.0 mm
25 = 25.0 mm
30 = 30.0 mm
Shaft Style
F = Metal Flatted Shaft
K = Metal Knurled Shaft1
Switch Configuration
S = Push Momentary Switch
N = No Switch
Resolution
0012 = 12 Pulses per 360 ° Rotation
0018 = 18 Pulses per 360 ° Rotation
0024 = 24 Pulses per 360 ° Rotation
1 Metal knurled shaft without switch is available in 15, 20 and 30 mm shaft lengths.
Metal knurled shaft with push momentary switch is available in 15 and 20 mm shaft lengths.
Electrical Characteristics
Output....................................................................................................................................................................................................2-bit quadrature code
Contact Rating.............................................................................................................................................................................................. 10 mA @ 5 VDC
Insulation Resistance ...................................................................................................................................................................100 megohms @ 250 VDC
Dielectric Withstanding Voltage
Sea Level...............................................................................................................................................................................................300 VAC minimum
Electrical Travel .....................................................................................................................................................................................................Continuous
Contact Bounce (15 RPM).........................................................................................................................................................................2.0 ms maximum**
RPM (Operating) ..............................................................................................................................................................................................60 maximum**
Environmental Characteristics
Operating Temperature Range.......................................................................................................................................-30 °C to +70 °C (-22 °F to +158 °F)
Storage Temperature Range ..........................................................................................................................................-40 °C to +85 °C (-40 °F to +185 °F)
Humidity................................................................................................................................................................. MIL-STD-202, Method 103B, Condition B
Vibration ................................................................................................................................................................10~55~10 Hz / 1 min. / Amplitude 1.5 mm
Shock.............................................................................................................................................................................................................................100 G
Rotational Life.................................................................................................................................................................................... 30,000 cycles minimum
Switch Life ......................................................................................................................................................................................... 20,000 cycles minimum
IP Rating..........................................................................................................................................................................................................................IP 40
Mechanical Characteristics
Mechanical Angle .........................................................................................................................................................................................360 ° continuous
Torque
Detent............................................................................................................................................................................30 to 90 gf-cm (0.41 to 1.25 oz-in)
Running .........................................................................................................................................................................10 to 70 gf-cm (0.14 to 0.97 oz-in)
Mounting.......................................................................................................................................................................10.2 kgf.cm (8.83 lb.-in.) maximum
Shaft Side Load (Static)................................................................................................................................................................2.04 kgf (4.5 lbs.) minimum
Weight ............................................................................................................................................................................................5 gm (0.17 oz.) maximum
Terminals ................................................................................................................................................................................. Printed circuit board terminals
Soldering Condition
Wave Soldering ........................................................................................... Sn95.5/Ag2.8/Cu0.7 solder with no-clean flux: 260 °C max. for 3 ±1 sec.
Hand Soldering................................................................................................................................................................................. Not recommended
Hardware....................................................................................................................... One flat washer and one mounting nut supplied with each encoder
Switch Characteristics
Switch Type ....................................................................................................................................................................Contact Push ON Momentary SPST
Power Rating (Resistive Load).....................................................................................................................................................................10 mA at 5 V DC
Switch Travel ......................................................................................................................................................................................................0.5 ± 0.3 mm
Switch Actuation Force........................................................................................................................................................610 ± 306 gf (8.47 ± 4.24 oz.-in.)
Contact Resistance ...........................................................................................................................................................................100 milliohms @ 5 VDC
Quadrature Output Table
ASignal
CW
D
ON
OFF
BSignal
CCW


Similar Part No. - PEC11R-4125K-N0012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11R-4125K-N0012 BOURNS-PEC11R-4125K-N0012 Datasheet
311Kb / 3P
   12 mm Incremental Encoder
More results

Similar Description - PEC11R-4125K-N0012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
   PEC11 Series - 12 mm Incremental Encoder
PEC11S BOURNS-PEC11S Datasheet
378Kb / 3P
   PEC11S Series - 12 mm SMD Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com