Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC12R-3030F-S0012 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC12R-3030F-S0012
Description  12 mm Incremental Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC12R-3030F-S0012 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC12R-3030F-S0012 Datasheet HTML 1Page - Bourns Electronic Solutions PEC12R-3030F-S0012 Datasheet HTML 2Page - Bourns Electronic Solutions PEC12R-3030F-S0012 Datasheet HTML 3Page - Bourns Electronic Solutions PEC12R-3030F-S0012 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3312-2mmSMDTrimmingPotentiometer
PEC12R-2xxxF-Sxxxx (Vertical Mount - Radial PC Pin/No Bushing, Push Momentary Switch)
PEC12R-2xxxF-Nxxxx (Vertical Mount - Radial PC Pin/No Bushing, No Switch)
L
F
5.0
(.197)
5.0
(.197)
4.5+0/-0.1
(.177+0/-.004)
4.1
(.160)
MOUNTING
SURFACE
2.4
(.094)
6.0
(.236)
DIA.
DIA.
7.0
(.276)
C
0.5
(.020)
10.0
(.394)
3.5
(.138)
1.9
(.075)
2.5
(.098)
0.8
(.031)
12.5
(.492)
13.4
(.528)
5.0
(.197)
10.2
(.402)
B
C
A
C
B
A CHANNELA
COMMON
CHANNELB
0.8
(.032)
10.8
(.425)
2.5
(.098)
2PLCS.
2.1+0.2/-0
(.083+.008/-0)
2PLCS.
2.0+0.2/-0
(.079+.008/-0)
1.0+0.1/-0
(.039+.004/-0)
DIA.3PLCS.
C
B
A
5.0
(.197)
L
F
6.0
(.236)
5.0
(.197)
4.5+0/-0.1
(.177+0/-.004)
5.1
(.201)
MOUNTING
SURFACE
2.4
(.094)
6.0
(.236)
DIA.
DIA.
7.0
(.276)
C
SWITCH
TRAVEL
0.5
(.020)
10.0
(.394)
3.5
(.138)
1.9
(.075)
3.5
(.138)
0.8
(.031)
0.5
(.020)
12.5
(.492)
13.4
(.528)
5.0
(.197)
10.2
(.402)
B
C
A
C
B
A CHANNELA
COMMON
CHANNELB
0.8
(.032)
10.8
(.425)
2.5
(.098)
3.5
(.138)
2PLCS.
2.1+0.2/-0
(.083+.008/-0)
2PLCS.
2.0+0.2/-0
(.079+.008/-0)
1.0+0.1/-0
(.039+.004/-0)
DIA.5PLCS.
C
B
A
2
1
5.0
(.197)
PEC12R-12mmIncrementalEncoder
Product Dimensions
Applications
Levelcontrol,tuningandtimersettingsin:
n
Audio-visualequipment
n
Consumerelectricappliances
n
Musicalinstrumentation
n
Communicationsequipment
L
17.5
(.688)
20.0
(.787)
22.5
(.886)
25.0
(.984)
30.0
(1.181)
F
5.0
(.197)
7.0
(.276)
7.0
(.276)
12.0
(.472)
12.0
(.472)
DIMENSIONS:
MM
(INCHES)
TOLERANCE:
<10
(<.400)
= ±0.3
(±.012)
≥10
(≥.400)
= ±0.5
(±.020)
Suggested Filter Circuit
Switch Circuit
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12


Similar Part No. - PEC12R-3030F-S0012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC12R-3030F-S0012 BOURNS-PEC12R-3030F-S0012 Datasheet
371Kb / 4P
   12 mm Incremental Encoder
More results

Similar Description - PEC12R-3030F-S0012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
   PEC11 Series - 12 mm Incremental Encoder
PEC11S BOURNS-PEC11S Datasheet
378Kb / 3P
   PEC11S Series - 12 mm SMD Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com