Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRN6045TA-560M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRN6045TA-560M
Description  Semi-shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN6045TA-560M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRN6045TA-560M Datasheet HTML 1Page - Bourns Electronic Solutions SRN6045TA-560M Datasheet HTML 2Page - Bourns Electronic Solutions SRN6045TA-560M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SRF0504Series-LineFilter
Temperature Rise vs. Current
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SRN6045TASeries-Semi-shieldedPowerInductors
40
0
0
0.8
1.6
2.4
3.2
4.0
0
03
69
12
15
8
6
4
2
10
32
24
16
8
DC Current (A)
DC Current (A)
221M
181M 121M
151M
560M
470M
330M
220M 150M
100M
6R3M
4R7M
3R3Y
2R2Y
1R5Y
1R0Y
1R2Y
3R3Y
2R2Y
1R5Y
1R2Y
1R0Y
0
22
44
66
88
110
0
0.6
1.2
1.8
2.4
3.0
DC Current (A)
101M
820M
680M
560M
470M
330M
0
50
100
150
200
250
0
0.28
0.56
0.84
1.12
1.40
DC Current (A)
221M
181M
151M
121M
SRN6045TA-1R0Y ~ SRN6045TA-3R3Y
SRN6045TA-330M ~ SRN6045TA-101M
SRN6045TA-121M ~ SRN6045TA-221M
820M
680M
101M
6R8M
8R2M
0
5
10
15
20
25
0
1.6
3.2
4.8
6.4
8.0
DC Current (A)
220M
150M
100M
6R8M
6R3M
4R7M
8R2M
SRN6045TA-4R7M ~ SRN6045TA-220M
Inductance vs. Current
40
0
0
0.8
1.6
2.4
3.2
4.0
0
03
69
12
15
8
6
4
2
10
32
24
16
8
DC Current (A)
DC Current (A)
221M
181M 121M
151M
560M
470M
330M
220M 150M
100M
6R3M
4R7M
3R3Y
2R2Y
1R5Y
1R0Y
1R2Y
3R3Y
2R2Y
1R5Y
1R2Y
1R0Y
0
22
44
66
88
110
0
0.6
1.2
1.8
2.4
3.0
DC Current (A)
101M
820M
680M
560M
470M
330M
0
50
100
150
200
250
0
0.28
0.56
0.84
1.12
1.40
DC Current (A)
221M
181M
151M
121M
SRN6045TA-1R0Y ~ SRN6045TA-3R3Y
SRN6045TA-330M ~ SRN6045TA-101M
SRN6045TA-121M ~ SRN6045TA-221M
820M
680M
101M
6R8M
8R2M
0
5
10
15
20
25
0
1.6
3.2
4.8
6.4
8.0
DC Current (A)
220M
150M
100M
6R8M
6R3M
4R7M
8R2M
SRN6045TA-4R7M ~ SRN6045TA-220M
0
0
1.2
3.6
2.4
4.8
6.0
3.6
7.2
10.8
14.4
18.0
0
DC Current (A)
SRN6045TA-120M
14
28
42
56
70
40
0
0
0.8
1.6
2.4
3.2
4.0
0
03
69
12
15
8
6
4
2
10
32
24
16
8
DC Current (A)
DC Current (A)
221M
181M 121M
151M
560M
470M
330M
220M 150M
100M
6R3M
4R7M
3R3Y
2R2Y
1R5Y
1R0Y
1R2Y
3R3Y
2R2Y
1R5Y
1R2Y
1R0Y
0
22
44
66
88
110
0
0.6
1.2
1.8
2.4
3.0
DC Current (A)
101M
820M
680M
560M
470M
330M
0
50
100
150
200
250
0
0.28
0.56
0.84
1.12
1.40
DC Current (A)
221M
181M
151M
121M
SRN6045TA-1R0Y ~ SRN6045TA-3R3Y
SRN6045TA-330M ~ SRN6045TA-101M
SRN6045TA-121M ~ SRN6045TA-221M
820M
680M
101M
6R8M
8R2M
0
5
10
15
20
25
0
1.6
3.2
4.8
6.4
8.0
DC Current (A)
220M
150M
100M
6R8M
6R3M
4R7M
8R2M
SRN6045TA-4R7M ~ SRN6045TA-220M


Similar Part No. - SRN6045TA-560M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN6045 BOURNS-SRN6045 Datasheet
342Kb / 2P
   Semi-shielded Power Inductors
SRN6045 BOURNS-SRN6045 Datasheet
349Kb / 2P
   Semi-shielded Power Inductors
SRN6045-100M BOURNS-SRN6045-100M Datasheet
342Kb / 2P
   Semi-shielded Power Inductors
SRN6045-100M BOURNS-SRN6045-100M Datasheet
349Kb / 2P
   Semi-shielded Power Inductors
SRN6045-101M BOURNS-SRN6045-101M Datasheet
342Kb / 2P
   Semi-shielded Power Inductors
More results

Similar Description - SRN6045TA-560M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
   Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
   Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
   Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
   Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
   Semi-shielded Power Inductors
Mar 31, 2015
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
   Semi-shielded Power Inductors
SRN3010-100M BOURNS-SRN3010-100M Datasheet
306Kb / 2P
   Semi-shielded Power Inductors
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
   Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
   Semi-shielded Power Inductors
SRN4018TA BOURNS-SRN4018TA Datasheet
823Kb / 3P
   Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
   Semi-shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com