Electronic Components Datasheet Search |
|
V24B3V3T150BF2 Datasheet(PDF) 6 Page - Vicor Corporation |
|
V24B3V3T150BF2 Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 15 page 24V Mini Family Rev 4.9 vicorpower.com Page 6 of 15 01/2016 800 927.9474 24V Input MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency 86.0 87.0 % Nominal input; full load; 25°C Ripple and noise 300 360 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 7.7 9.0 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 10.4 Amps Current limit 10.6 12.0 14.1 Amps Output voltage 95% of nominal Short circuit current 7.3 12.0 14.1 Amps Output voltage <250mV 24VOUT, 250W (e.g. V24B24C250BL) Parameter Min Typ Max Unit Notes Efficiency 88.0 88.9 % Nominal input; full load; 25°C Ripple and noise 200 250 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 17.1 17.8 18.5 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 4.4 5.4 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 10 Amps Current limit 10.2 11.5 13.5 Amps Output voltage 95% of nominal Short circuit current 7 11.5 13.5 Amps Output voltage <250mV 15VOUT, 150W (e.g. V24B15C150BL) Parameter Min Typ Max Unit Notes Efficiency 88.0 88.9 % Nominal input; full load; 25°C Ripple and noise 250 313 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 17.1 17.8 18.5 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 3.4 3.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 13.33 Amps Current limit 13.5 15.9 17.3 Amps Output voltage 95% of nominal Short circuit current 13.5 16.1 17.3 Amps Output voltage <250mV 15VOUT, 200W (e.g. V24B15C200BL) Parameter Min Typ Max Unit Notes Efficiency S24B12C150BL (enhanced efficiency) 87.5 90.0 % Nominal input; full load; 25°C V24B12C150BL (standard efficiency) 87.0 88.6 Ripple and noise 200 250 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 13.7 14.3 14.9 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 4.5 5.4 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 12.5 Amps Current limit 12.7 14.4 16.9 Amps Output voltage 95% of nominal Short circuit current 8.75 14.4 16.9 Amps Output voltage <250mV 12VOUT, 150W (e.g. S24B12C150BL, V24B12C150BL) |
Similar Part No. - V24B3V3T150BF2 |
|
Similar Description - V24B3V3T150BF2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |