Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU91796MUF-ME2 Datasheet(PDF) 11 Page - Rohm

Part # BU91796MUF-ME2
Description  Low Duty LCD Segment Driver for Automotive application
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU91796MUF-ME2 Datasheet(HTML) 11 Page - Rohm

Back Button BU91796MUF-ME2 Datasheet HTML 7Page - Rohm BU91796MUF-ME2 Datasheet HTML 8Page - Rohm BU91796MUF-ME2 Datasheet HTML 9Page - Rohm BU91796MUF-ME2 Datasheet HTML 10Page - Rohm BU91796MUF-ME2 Datasheet HTML 11Page - Rohm BU91796MUF-ME2 Datasheet HTML 12Page - Rohm BU91796MUF-ME2 Datasheet HTML 13Page - Rohm BU91796MUF-ME2 Datasheet HTML 14Page - Rohm BU91796MUF-ME2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/23
BU91796MUF-M
MAX 80 segments (SEG20×COM4)
Datasheet
TSZ02201-0P4P0D301020-1-2
8.Feb.2016 Rev.001
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Display Control (DISCTL)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
0
1
P4
P3
P2
P1
P0
Set Power save mode FR.
Setup
P4
P3
Reset initialize condition
Normal mode (80Hz)
0
0
Power save mode 1 (71Hz)
0
1
Power save mode 2 (64Hz)
1
0
Power save mode 3 (50Hz)
1
1
Power consumption is reduced in the following order:
Normal mode > Power save mode1 > Power save mode 2 > Power save mode 3.
Set LCD drive waveform.
Setup
P2
Reset initialize condition
Line inversion
0
Frame inversion
1
Power consumption is reduced in the following order:
Line inversion > Frame inversion
Typically, when driving large capacitance LCD, Line inversion will increase the influence of crosstalk.
Regarding driving waveform, refer to LCD driving waveform.
Set Power save mode SR.
Setup
P1
P0
Reset initialize condition
Power save mode 1
0
0
Power save mode 2
0
1
Normal mode
1
0
High power mode
1
1
Power consumption is increased in the following order:
Power save mode 1 < Power save mode 2 < Normal mode < High power mode
Use VDD- VLCD ≥ 3.0V in High power mode condition.
(Reference current consumption data)
Setup
Current consumption
Power save mode 1
×0.5
Power save mode 2
×0.67
Normal mode
×1.0
High power mode
×1.8
The data above is for reference only. Actual consumption depends on Panel load.
Address Set (ADSET)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
0
0
P4
P3
P2
P1
P0
The range of address can be set from 00000 to 10011(bin).
Don‟t set out of range address, otherwise address will be set 00000.


Similar Part No. - BU91796MUF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU91796FS-M ROHM-BU91796FS-M Datasheet
2Mb / 28P
   Low Duty LCD Segment Driver for Automotive Application
More results

Similar Description - BU91796MUF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU91797MUF-M ROHM-BU91797MUF-M Datasheet
2Mb / 27P
   Low Duty LCD Segment Driver for Automotive application
BU91796FS-M ROHM-BU91796FS-M Datasheet
2Mb / 28P
   Low Duty LCD Segment Driver for Automotive Application
BU91799KV-M ROHM-BU91799KV-M Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver for Automotive Application
BU91R65CH-M3BW ROHM-BU91R65CH-M3BW Datasheet
3Mb / 73P
   Low Duty LCD Segment Driver For Automotive COG Application
BU91R64CH-M3BW ROHM-BU91R64CH-M3BW Datasheet
3Mb / 73P
   Low Duty LCD Segment Driver For Automotive COG Application
BU91520KV-M ROHM-BU91520KV-M Datasheet
3Mb / 45P
   Low Duty LCD Segment Driver
BU91600FV-M ROHM-BU91600FV-M Datasheet
4Mb / 67P
   Low Duty LCD Segment Driver
BU9795BGUW ROHM-BU9795BGUW Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver
BU91R63CH-M3BW ROHM-BU91R63CH-M3BW Datasheet
2Mb / 37P
   Low Duty LCD Segment Driver
BU97960MUV ROHM-BU97960MUV Datasheet
2Mb / 33P
   Low Duty LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com