Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD65496MUV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD65496MUV-E2
Description  Single H-Bridge Driver High-Speed Switching Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD65496MUV-E2 Datasheet(HTML) 4 Page - Rohm

  BD65496MUV-E2 Datasheet HTML 1Page - Rohm BD65496MUV-E2 Datasheet HTML 2Page - Rohm BD65496MUV-E2 Datasheet HTML 3Page - Rohm BD65496MUV-E2 Datasheet HTML 4Page - Rohm BD65496MUV-E2 Datasheet HTML 5Page - Rohm BD65496MUV-E2 Datasheet HTML 6Page - Rohm BD65496MUV-E2 Datasheet HTML 7Page - Rohm BD65496MUV-E2 Datasheet HTML 8Page - Rohm BD65496MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/14
Datasheet
Datasheet
BD65496FV
TSZ02201-0H3H0B300640-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
10.Feb.2016 Rev.002
www.rohm.com
TSZ22111・15・001
Electrical Characteristics (Unless otherwise specified VCC=3.0V, VM=5.0V, Ta=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
All Circuits
Stand-by Current
ICCST
-
0
1
μA
VPS=0V
Circuit Current 1
ICC1
0.50
0.80
1.25
mA
VPS=3V, Open Mode
Circuit Current 2
ICC2
0.50
0.85
1.30
mA
VPS=3V, CW & CCW Mode
Circuit Current 3
ICC3
0.50
0.85
1.30
mA
VPS=3V, Short Brake Mode
PS Input (PS)
High-Level Input Voltage
VPSH
1.45
-
VCC
V
Low-Level Input Voltage
VPSL
0
-
0.5
V
High-Level Input Current
IPSH
15
30
60
μA
VPS=3V
Low-Level Input Current
IPSL
-1
0
+1
μA
VPS=0V
Control Input (IN=INA, INB, PWM, TR1, TR2)
High-Level Input Voltage
VINH
1.45
-
VCC
V
Low-Level Input Voltage
VINL
0
-
0.5
V
High-Level Input Current
IINH
15
30
60
μA
VIN=3V
Low-Level Input Current
IINL
-1
0
+1
μA
VIN=0V
Under Voltage Locked Out (UVLO)
UVLO Voltage
VUVLO
2.0
-
2.4
V
Full ON Type H-Bridge Driver
Output On-Resistance
RON
-
0.35
0.50
IOUT=±500mA, High & Low-side total
Turn On Time 0
TON0
-
150
300
ns
20Ω Loading, TR1=Low, TR2=Low
Turn Off Time 0
TOFF0
-
50
200
ns
20Ω Loading, TR1=Low, TR2=Low
Turn On Time 1
TON1
-
250
500
ns
20Ω Loading, TR1=High, TR2=Low
Turn Off Time 1
TOFF1
-
70
200
ns
20Ω Loading, TR1=High, TR2=Low
Turn On Time 2
TON2
-
350
800
ns
20Ω Loading, TR1=Low, TR2=High
Turn Off Time 2
TOFF2
-
90
250
ns
20Ω Loading, TR1=Low, TR2=High
Turn On Time 3
TON3
-
500
1000
ns
20Ω Loading, TR1=High, TR2=High
Turn Off Time 3
TOFF3
-
110
250
ns
20Ω Loading, TR1=High, TR2=High


Similar Part No. - BD65496MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65491FV ROHM-BD65491FV Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD65491FV ROHM-BD65491FV Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV-E2 ROHM-BD65491FV-E2 Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD65491FV-E2 ROHM-BD65491FV-E2 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV ROHM-BD65491FV_15 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
More results

Similar Description - BD65496MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65494MUV ROHM-BD65494MUV Datasheet
894Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD63573NUV ROHM-BD63573NUV Datasheet
655Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD6376GUL ROHM-BD6376GUL_16 Datasheet
818Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV ROHM-BD65491FV_15 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65492MUV ROHM-BD65492MUV Datasheet
1Mb / 18P
   Dual H-Bridge Driver High-Speed Switching Type
BD6736FV ROHM-BD6736FV_15 Datasheet
1Mb / 16P
   Single H-Bridge Driver
logo
Supertex, Inc
MD7120 SUTEX-MD7120 Datasheet
802Kb / 6P
   High Speed, 200V, Full H-Bridge MOSFET Driver
logo
Shenzhen Huazhimei Semi...
HM116A HMSEMI-HM116A Datasheet
936Kb / 5P
   Single channel H-bridge driver
HM117 HMSEMI-HM117 Datasheet
834Kb / 5P
   Single channel H-bridge driver
logo
Toshiba Semiconductor
MP4212 TOSHIBA-MP4212 Datasheet
489Kb / 9P
   HIGH POWER SPEED SWITCHING APPLICATIONS H SWITCH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com