Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63620AEFV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD63620AEFV-E2
Description  36V Stepping Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63620AEFV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD63620AEFV-E2 Datasheet HTML 7Page - Rohm BD63620AEFV-E2 Datasheet HTML 8Page - Rohm BD63620AEFV-E2 Datasheet HTML 9Page - Rohm BD63620AEFV-E2 Datasheet HTML 10Page - Rohm BD63620AEFV-E2 Datasheet HTML 11Page - Rohm BD63620AEFV-E2 Datasheet HTML 12Page - Rohm BD63620AEFV-E2 Datasheet HTML 13Page - Rohm BD63620AEFV-E2 Datasheet HTML 14Page - Rohm BD63620AEFV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/23
BD63620AEFV
TSZ02201-0P2P0B700670-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Mar.2014 Rev.001
www.rohm.com
TSZ22111・15・001
●Translator circuit
This series builds in translator circuit and can drive stepping motor in CLK-IN mode.
The operation of the translator circuit in CLK-IN drive mode is described as below.
○Reset operation
The translator circuit is initialized by power ON Reset function and PS terminal.
・Initializing operation when power supply is turned on
①If power supply is turned on at PS=L (Please use this sequence as a general rule)
When power supply is turned on, the power ON reset function operates in IC and initialized, but as long as it is PS=L,
the motor output is the OPEN state. After power supply is turned on, because of the changing of PS=L⇒H, the motor
output becomes the ACTIVE state, and the excitation is started at the initial electrical angle.
But at the time of PS=L⇒H, it returns from the standby state to the normal state and there is a delay of 40μs(max.)
until the motor output has become the ACTIVE state.
②If power supply is turned on at PS=H
When power supply is turned on, the power ON function in IC operates, and initialized before the motor output
becomes the ACTIVE state, and the excitation is started at the initial electrical angle.
・Initializing operation during motor operating
Please input the reset signal to PS terminal when the translator circuit is initialized during motor operating. (Refer to
P.14) But at the time of PS=L⇒H, it returns from the standby state to the normal state and there is a delay of 40μs
(max.) until the motor output has become the ACTIVE state, so please be careful.
○Control input timing
Please input as shown below because the translator circuit operates at the rising edge of CLK signal. If you disobey this
timing and input, then there is the possibility that the translator circuit does not operate as expected. In addition, at the time
of PS=L⇒H, it returns from the standby state to the normal state and there is a delay of 40μs (max.) until the motor output
has become the ACTIVE state, so within this delay interval there is no phase advance operation even if CLK is inputted.
A:PS minimum input pulse width・・・・・・20
μs
B:PS rising edge~CLK rising edge input possible maximum delay time・・・・・・40
μs
C:CLK minimum period・・・・・・4
μs
D:CLK minimum input H pulse width・・・・・・2
μs
E:CLK minimum input L pulse width・・・・・・2
μs
F:MODE0,MODE1,CW_CCW set-up time・・・・・・1
μs
G:MODE0,MODE1,CW_CCW hold time・・・・・・1
μs
Reset is released
ACTIVE
Motor output OPEN
Motor output ON
PS
CLK
OUT1A
OUT1B
Delay
PS
CLK
MODE0
F
G
F
G
MODE1
CW_CCW
A
D
E
B
C


Similar Part No. - BD63620AEFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
   Stepping Motor Driver
More results

Similar Description - BD63620AEFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD68610EFV ROHM-BD68610EFV Datasheet
1Mb / 23P
   36V Stepping Motor Driver
BD60223FP ROHM-BD60223FP Datasheet
2Mb / 29P
   36V Stepping Motor Driver
BD63610AEFV ROHM-BD63610AEFV Datasheet
1Mb / 25P
   36V Stepping Motor Driver
BD6290EFV ROHM-BD6290EFV_12 Datasheet
261Kb / 9P
   Standard 36V Stepping Motor Driver
BD63888AEKV ROHM-BD63888AEKV Datasheet
1Mb / 28P
   36V 2ch Stepping Motor Driver
BD6290EFV-E ROHM-BD6290EFV-E Datasheet
236Kb / 9P
   Standard 36V Stepping Motor Driver
BD63888MUV ROHM-BD63888MUV Datasheet
1Mb / 28P
   36V 2ch Stepping Motor Driver
BD68888AEKV ROHM-BD68888AEKV Datasheet
1Mb / 24P
   36V 2ch Stepping Motor Driver
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
BD68888MUV ROHM-BD68888MUV Datasheet
1Mb / 23P
   36V 2ch Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com