Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63520AEFV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD63520AEFV-E2
Description  Micro step 36V Stepping Motor Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63520AEFV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD63520AEFV-E2 Datasheet HTML 5Page - Rohm BD63520AEFV-E2 Datasheet HTML 6Page - Rohm BD63520AEFV-E2 Datasheet HTML 7Page - Rohm BD63520AEFV-E2 Datasheet HTML 8Page - Rohm BD63520AEFV-E2 Datasheet HTML 9Page - Rohm BD63520AEFV-E2 Datasheet HTML 10Page - Rohm BD63520AEFV-E2 Datasheet HTML 11Page - Rohm BD63520AEFV-E2 Datasheet HTML 12Page - Rohm BD63520AEFV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9/23
BD63520AEFV
TSZ02201-0P2P0B701530-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
17.Aug.2016 Rev.001
www.rohm.com
TSZ22111・15・001
○PWM Constant current control
1) Current control operation
When the output transistor is turned on, the output current increases, raising the voltage over the current sense resistor.
When the voltage on the RNF pin reaches the voltage value set by the internal 2-bit DAC and the VREF input voltage, the
current limit comparator engages and enters current decay mode. The output is then held off for a period of time
determined by the RC time constant connected to the CR pin. The process repeats itself constantly for PWM operation.
2) Noise-masking function
In order to avoid misdetection of output current due to RNF spikes that may occur when the output turns ON, the IC
employs an automatic current detection-masking period (tONMIN), during which current detection is disabled immediately
after the output transistor is turned on. This allows for constant-current drive without the need for an external filter. This
noise-masking period defines the minimum ON-time for the motor output transistor.
3) CR Timer
The CR filter connected to the CR pin is repeatedly charged and discharged between the VCRH and VCRL levels. The
output of the internal comparator is masked while charging from VCRL to VCRH in order to cancel noise. (As mentioned
above, this period defines the minimum ON-time of the motor output transistor.) The CR terminal begins discharging once
the voltage reaches VCRH. When the output current reaches the current limit during this period (i.e. RNF voltage reaches
the decay trigger voltage), then the IC enters decay mode. The CR continues to discharge during this period until it reaches
VCRL, at which point the IC output is switched back ON. The current output and CR pin begin charging simultaneously.
The CR charge time (tONMIN) and discharge time (tdischarge) are set by external components, according to the following
formulas. The total of tONMIN and tdischarge yield the chopping period, tchop.
tONMIN[s]≒C・R'・R / (R'+R)・ln[(VCR-0.4)/(VCR-1.0)]
VCR=V・R/(R'+R)
V: internal regulator voltage 5V(Typ)
R': CR terminal internal impedance 5kΩ(Typ)
tdischarge[s]≒C・R・ln[(1+α)/0.4]
α:See the right graph.
tCHOP[s]≒tONMIN + tdischarge
Figure 4 Timing chart of CR voltage, RNF voltage and output current
Attach a resistor of at least 10 kΩ to the CR terminal (10 kΩ~200 kΩ recommended) as lower values may keep the RC from
reaching the VCRH voltage level. A capacitor in the range of 470 pF – 1500 pF is also recommended. As the capacitance
value is increased, however, the noise-masking period (tonmin) also increases, and there is a risk that the output current may
exceed the current limit threshold due to the internal L and R components of the output motor coil. Also, ensure that the
chopping period (tchop) is not set longer than necessary, as doing so will increase the output ripple, thereby decreasing the
average output current and yielding lower output rotation efficiency. The optimal value should reduce the motor drive noise
while keeping distortion of the output current waveform to a minimum.
CR Voltage
RNF Voltage
Output current
Spike noise
Current limit Value
GND
Minimum ON Time
tONMIN
VCRH(1.0V typ)
VCRL(0.4V typ)
GND
0mA
Current limit Value
Chopping Period
tCHOP
Discharge time
tdischarge
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
500
1000
1500
2000
C [pF]


Similar Part No. - BD63520AEFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63521EFV ROHM-BD63521EFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63521EFV-E2 ROHM-BD63521EFV-E2 Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63524AEFV ROHM-BD63524AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63524EFV ROHM-BD63524EFV Datasheet
1Mb / 26P
   Low ON resistance DMOS output
More results

Similar Description - BD63520AEFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63521EFV ROHM-BD63521EFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63524AEFV ROHM-BD63524AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63843EFV ROHM-BD63843EFV_12 Datasheet
267Kb / 9P
   Stepping Motor Driver series Micro step 36V Stepping Motor Drivers
BD6393FP ROHM-BD6393FP_12 Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6393FP-E2 ROHM-BD6393FP-E2 Datasheet
235Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6395FP-E2 ROHM-BD6395FP-E2 Datasheet
389Kb / 11P
   Standard 36V Stepping Motor Drivers
BD63801EFV ROHM-BD63801EFV_12 Datasheet
266Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63940EFV ROHM-BD63940EFV_12 Datasheet
260Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63620AEFV ROHM-BD63620AEFV Datasheet
2Mb / 27P
   36V Stepping Motor Driver
BD68610EFV ROHM-BD68610EFV Datasheet
1Mb / 23P
   36V Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com