Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD62220AEFV Datasheet(PDF) 6 Page - Rohm

Part # BD62220AEFV
Description  High Performance, High Reliability 36V 2ch DC Brush Motor Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62220AEFV Datasheet(HTML) 6 Page - Rohm

Back Button BD62220AEFV Datasheet HTML 2Page - Rohm BD62220AEFV Datasheet HTML 3Page - Rohm BD62220AEFV Datasheet HTML 4Page - Rohm BD62220AEFV Datasheet HTML 5Page - Rohm BD62220AEFV Datasheet HTML 6Page - Rohm BD62220AEFV Datasheet HTML 7Page - Rohm BD62220AEFV Datasheet HTML 8Page - Rohm BD62220AEFV Datasheet HTML 9Page - Rohm BD62220AEFV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/21
TSZ02201-0P2P0B301460-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
21.Jun.2016 Rev.001
www.rohm.com
TSZ22111・15・001
BD62220AEFV
(8) RNF1S,RNF2S/ Input Terminal of Current Limit Comparator
In this series, RNFS terminal, which is the input terminal of current limit comparator, is independently arranged in
order to decrease the lowering of current-detection accuracy caused by the wire impedance inside the IC of RNF
terminal. Therefore, please make sure to connect RNF terminal and RNFS terminal together when using PWM
constant current control. In addition, in case of interconnection, the lowering of current-detection accuracy caused by
the impedance of board pattern between RNF terminal and the current-detecting resistor can be decreased because
the wires from RNFS terminal is connected near the current-detecting resistor. Moreover, please design the pattern in
such a way that there is no noise spike.
(9) VREF1,VREF2/ Output Current Value-setting Terminal
This is the terminal to set the output current value for PWM constant current control or motor locking.
The output current value can be set by VREF voltage and current-detecting resistor (RNF resistor).
[ ]
[ ] (
)
{
}
[ ]
=
RNF
/
IC
inside
ratio
division
8
/
V
VREF
A
IOUT
current
Output
Please avoid using it with VREF terminal open. If VREF terminal is open, there is possibility of malfunctions as the
setting current increases and a large current flows etc. This is caused by unstable input and increasing VREF voltage.
Please take note of the input voltage range because if voltage of over 2V is applied on VREF terminal, there is also a
danger that large current flows in the output and OCP or TSD will operate. Also, when selecting the resistance value
please take into consideration the outflow current (max 2μA) produced by resistance division. The minimum current,
which can be controlled by VREF voltage, is determined by motor coil’s L & R values and minimum ON time. There is
a minimum ON time in PWM drive.
(10) CR/ Connection terminal of CR for Setting Switching Frequency
This is the terminal to set the switching frequency of the output. Please connect the external C (330pF to 680pF) and
R (10k
Ω to 150kΩ) between this terminal and GND. Please refer to page 8.
Please connect the external components to GND in such a way that the interconnection does not have impedance in
common with other GND patterns. In addition, please create the pattern design in such a way to keep such sudden
pulses as square wave etc. away and that there is no noise spike. Please mount the two components of C and R if
PWM constant current control is being used. This is because normal PWM constant current control cannot be used if
CR terminal is open or it is biased externally. When not using PWM constant current control, connect this terminal to
GND.
(11) FAILA/ Fault Signal Output Terminal
FAILA outputs low signal when Over-Current Protection (OCP) or Thermal Shutdown (TSD) operates.
Even if Under Voltage Lock Out (UVLO) or Over Voltage Lock Out (OVLO) operates, FAILA signal doesn’t turn low
(i.e. high).
This terminal is an open drain type, so please set the pull up resistor (5k
Ω to 100kΩ) to power supply less than 7V
(i.e. 5V or 3.3V). If not using this terminal, please connect it to GND.
OCP
TSD
FAILA
OFF
OFF
H (OFF)
OFF
ON
M (ON)
ON
OFF
L (ON)
ON
ON
L (ON)
(12) NC Terminal
This terminal is unconnected electrically with IC internal circuit.
(13) IC Back Metal
For HTSSOP-B28 package, the metal heat sink is mounted on IC’s back side. It becomes a prerequisite to use this
metal as heat sink so please secure the heat sink area sufficiently by soldering it to the GND plane on the board. Get
as wide GND pattern as possible. Please be careful because the allowable power dissipation as shown in page 14
cannot be attained if the metal heat sink is not connected by solder. Moreover, the back side metal is shorted with IC
chip’s back side and it becomes the GND potential, so there is adanger of malfunction and destruction if it is shorted
with potentials other than GND. Therefore; please do not design patterns other than GND through the IC’s back side.


Similar Part No. - BD62220AEFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6222 ROHM-BD6222 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
BD6222 ROHM-BD6222 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6222 ROHM-BD6222 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
BD6222FP ROHM-BD6222FP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
More results

Similar Description - BD62220AEFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62210AEFV ROHM-BD62210AEFV Datasheet
1Mb / 25P
   High Performance, High Reliability 36V 2ch DC Brush Motor Drivers
BD60203EFV ROHM-BD60203EFV Datasheet
2Mb / 23P
   36V 2ch DC Brush Motor Driver
BD64220EFV ROHM-BD64220EFV Datasheet
2Mb / 27P
   High Performance, High Reliability 50 V 2ch Brush Motor Drivers for PPCs etc.
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
BD63877EFV-E2 ROHM-BD63877EFV-E2 Datasheet
405Kb / 11P
   High Performance, High Reliability 36V Series Stepping Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com