Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2601MTCX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2601MTCX
Description  Adapter Interface Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2601MTCX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2601MTCX Datasheet HTML 1Page - National Semiconductor (TI) LM2601MTCX Datasheet HTML 2Page - National Semiconductor (TI) LM2601MTCX Datasheet HTML 3Page - National Semiconductor (TI) LM2601MTCX Datasheet HTML 4Page - National Semiconductor (TI) LM2601MTCX Datasheet HTML 5Page - National Semiconductor (TI) LM2601MTCX Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Delay Time vs. Temperature
10130905
Application Information
The adapter interface circuit (AIC) IC provides the control
functions necessary for use in mating a constant voltage
output AC-DC adapter or airline adapter to a notebook com-
puter system or a portable device. It allows optimal battery
charging during computer operation, and allows battery dis-
charge for battery gas gauge calibration. It receives control
signals from the notebook computer, monitors input current
from the adapter, provides adapter voltage status to the
notebook system management microcontroller (or
″embed-
ded controller
″), and appropriately drives MOSFET switches
to electrically connect the adapter to the computer.
AIC will allow a system designer to solve various power
management tasks typical for an adapter powered systems
containing a rechargeable battery.
When a notebook computer is being powered from a battery
and the adapter is plugged in, the computer should start
drawing power from the adapter, not from the battery. The
most time efficient charging scenario is when a computer
draws the full rated current from a constant voltage adapter.
The computer uses what it needs to run, and passes all
remaining power on to the battery for charging. The com-
puter should be able to automatically refuse to charge a
battery when powered from an airplane power line. It may be
necessary sometimes to have a computer fully discharging
the battery and then fully recharging it (for battery gas gauge
calibration purposes) while being powered by an AC adapter.
AIC will also allow a computer to prevent backfeeding cur-
rent into an adapter if the adapter is not powered while being
plugged into the computer (some of existing adapters can
draw current from the computer under this conditions for
charging the AC adapter output bulk capacitance from the
computer battery).
While the lowest usable adapter voltage is about 9.5V, that is
V
ADAPTER = 11.7V minus 2.2V hysteresis, AIC is operational
down to V
ADAPTER = 5V. This means that AIC will not gen-
erate false readings down to V
ADAPTER = 5V. Such false
readings would be MPS = HIGH, ADAPTER PRESENT =
HIGH, CHARGER PRESENT = HIGH.
AIC determines usable voltage ranges by comparing
V
ADAPTER with an internal 2.5V voltage reference (see also
Electrical Characteristics). AIC detects operating current limit
and leakage current limit into the adapter jack by differential
sensing across current sense resistor R
SENSE either directly
or scaled down by resistor dividers R1/R3 and R2/R4.
When designing the LM2601 into a system it may be neces-
sary to consider ESD protection requirements for the
adapter jack according to your system design spec.
www.national.com
5


Similar Part No. - LM2601MTCX

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM2601616AB LIGHTKEY-LM2601616AB Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616AD LIGHTKEY-LM2601616AD Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616AG LIGHTKEY-LM2601616AG Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616AO LIGHTKEY-LM2601616AO Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616APG LIGHTKEY-LM2601616APG Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
More results

Similar Description - LM2601MTCX

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6850 NTE-NTE6850 Datasheet
31Kb / 3P
   Integrated Circuit NMOS, Asynchronous Communications Interface Adapter
logo
Texas Instruments
USB2ANY TI1-USB2ANY Datasheet
655Kb / 21P
[Old version datasheet]   Interface Adapter
logo
NTE Electronics
NTE6821 NTE-NTE6821 Datasheet
45Kb / 5P
   Integrated Circuit Peripheral Interface Adapter (PIA), NMOS, 1MHz
logo
List of Unclassifed Man...
EF6821 ETC-EF6821 Datasheet
603Kb / 12P
   PERIPHERAL INTERFACE ADAPTER
logo
UMC Corporation
UM6522 UMC-UM6522 Datasheet
1Mb / 17P
   VERSATILE INTERFACE ADAPTER
logo
Motorola, Inc
MC6821 MOTOROLA-MC6821 Datasheet
1Mb / 10P
   PERIPHERAL INTERFACE ADAPTER
logo
Altera Corporation
A6850 ALTERA-A6850 Datasheet
281Kb / 15P
   Asynchronous Communications Interface Adapter
logo
California Micro Device...
G65SC21 CALMIRCO-G65SC21 Datasheet
605Kb / 10P
   CMOS Peripheral Interface Adapter
logo
Micro Electronics
UM82C11 MICRO-ELECTRONICS-UM82C11 Datasheet
127Kb / 1P
   Printer Adapter Interface (PAI)
logo
UMC Corporation
UM82C11-C UMC-UM82C11-C Datasheet
517Kb / 9P
   Printer Adapter Interface (PAI)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com