Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6941FM Datasheet(PDF) 6 Page - Rohm

Part # BD6941FM
Description  Automotive 1ch H Bridge Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6941FM Datasheet(HTML) 6 Page - Rohm

Back Button BD6941FM Datasheet HTML 2Page - Rohm BD6941FM Datasheet HTML 3Page - Rohm BD6941FM Datasheet HTML 4Page - Rohm BD6941FM Datasheet HTML 5Page - Rohm BD6941FM Datasheet HTML 6Page - Rohm BD6941FM Datasheet HTML 7Page - Rohm BD6941FM Datasheet HTML 8Page - Rohm BD6941FM Datasheet HTML 9Page - Rohm BD6941FM Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/13
BD6941FM
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
06.Nov.2015 Rev.001
TSZ02201-0H5H0BK01280-1-2
Typical Performance Curves
– continued
25
27
29
31
33
35
-40
0
40
80
Ta[℃]
Temperature : Ta [°C]
Figure 9. Over Voltage Lockout Switch On Voltage
vs Temperature
105
0
100
200
300
400
-40
0
40
80
Ta[℃]
Figure 11. Over-Current Protection
Monitor OFF Time vs Temperature
Temperature : Ta [°C]
105
0
5
10
15
20
-40
0
40
80
Ta[℃]
Figure 10. Over-Current Protection Monitor On Time
vs Temperature
Temperature : Ta [°C]
105


Similar Part No. - BD6941FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BD6941FM ROHM-BD6941FM Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD6941FM ROHM-BD6941FM Datasheet
110Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD6941FM ROHM-BD6941FM_11 Datasheet
110Kb / 4P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6941FM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1017 AKM-AP1017 Datasheet
581Kb / 13P
   12V 1ch H-Bridge Motor driver
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
   18V 1ch H-Bridge Motor Driver IC
AP1015BEN AKM-AP1015BEN Datasheet
527Kb / 14P
   10.5V 1ch H-Bridge Motor Driver IC
logo
Princeton Technology Co...
PT5142 PTC-PT5142 Datasheet
266Kb / 4P
   1CH H-Bridge Motor Driver with LDO
logo
Asahi Kasei Microsystem...
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
logo
Motorola, Inc
MC33186 MOTOROLA-MC33186 Datasheet
858Kb / 12P
   Automotive H-Bridge Driver
logo
Texas Instruments
DRV8873-Q1 TI1-DRV8873-Q1 Datasheet
170Kb / 8P
[Old version datasheet]   Automotive H-Bridge Motor Driver
DRV8873-Q1 TI1-DRV8873-Q1_18 Datasheet
173Kb / 8P
[Old version datasheet]   Automotive H-Bridge Motor Driver
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
logo
Sanyo Semicon Device
LV8082LP_0712 SANYO-LV8082LP_0712 Datasheet
104Kb / 6P
   Constant-voltage 1ch Constant-current 1ch H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com