Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6736FV Datasheet(PDF) 8 Page - Rohm

Part # BD6736FV
Description  Single H-Bridge Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6736FV Datasheet(HTML) 8 Page - Rohm

Back Button BD6736FV_15 Datasheet HTML 4Page - Rohm BD6736FV_15 Datasheet HTML 5Page - Rohm BD6736FV_15 Datasheet HTML 6Page - Rohm BD6736FV_15 Datasheet HTML 7Page - Rohm BD6736FV_15 Datasheet HTML 8Page - Rohm BD6736FV_15 Datasheet HTML 9Page - Rohm BD6736FV_15 Datasheet HTML 10Page - Rohm BD6736FV_15 Datasheet HTML 11Page - Rohm BD6736FV_15 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/12
TSZ02201-0H3H0B601310-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
BD6736FV
09.Dec.2015 Rev.001
Operational Notes
1.
Reverse Connection of Power Supply
Connecting the power supply in reverse polarity can damage the IC. Take precautions against reverse polarity when
connecting the power supply, such as mounting an external diode between the power supply and the IC
’s power
supply pins.
2.
Power Supply Lines
Design the PCB layout pattern to provide low impedance supply lines. Separate the ground and supply lines of the
digital and analog blocks to prevent noise in the ground and supply lines of the digital block from affecting the analog
block. Furthermore, connect a capacitor to ground at all power supply pins. Consider the effect of temperature and
aging on the capacitance value when using electrolytic capacitors.
3.
Ground Voltage
Ensure that no pins are at a voltage below that of the ground pin at any time, even during transient condition.
4.
Ground Wiring Pattern
When using both small-signal(GND) and large-current ground(MGND) traces, the two ground traces should be routed
separately but connected to a single ground at the reference point of the application board to avoid fluctuations in the
small-signal ground caused by large currents. Also ensure that the ground traces of external components do not
cause variations on the ground voltage. The ground lines must be as short and thick as possible to reduce line
impedance.
5.
Thermal Consideration
Should by any chance the power dissipation rating be exceeded the rise in temperature of the chip may result in
deterioration of the properties of the chip. In case of exceeding this absolute maximum rating, increase the board size
and copper area to prevent exceeding the Pd rating.
6.
Recommended Operating Conditions
These conditions represent a range within which the expected characteristics of the IC can be approximately
obtained. The electrical characteristics are guaranteed under the conditions of each parameter.
7.
Inrush Current
When power is first supplied to the IC, it is possible that the internal logic may be unstable and inrush current may
flow instantaneously due to the internal powering sequence and delays, especially if the IC has more than one power
supply. Therefore, give special consideration to power coupling capacitance, power wiring, width of ground wiring,
and routing of connections.
8.
Operation Under Strong Electromagnetic Field
Operating the IC in the presence of a strong electromagnetic field may cause the IC to malfunction.
9.
Testing on Application Boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance output pin may
subject the IC to stress. Alwa
ys discharge capacitors completely after each process or step. The IC’s power supply
should always be turned off completely before connecting or removing it from the test setup during the inspection
process. To prevent damage from static discharge, ground the IC during assembly and use similar precautions during
transport and storage.
10.
Inter-pin Short and Mounting Errors
Ensure that the direction and position are correct when mounting the IC on the PCB. Incorrect mounting may result in
damaging the IC. Avoid nearby pins being shorted to each other especially to ground, power supply and output pin.
Inter-pin shorts could be due to many reasons such as metal particles, water droplets (in very humid environment)
and unintentional solder bridge deposited in between pins during assembly to name a few.
11.
Unused Input Pins
Input pins of an IC are often connected to the gate of a MOS transistor. The gate has extremely high impedance and
extremely low capacitance. If left unconnected, the electric field from the outside can easily charge it. The small
charge acquired in this way is enough to produce a significant effect on the conduction through the transistor and
cause unexpected operation of the IC. So unless otherwise specified, unused input pins should be connected to the
power supply or ground line.


Similar Part No. - BD6736FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6736FV ROHM-BD6736FV Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BD6736FV ROHM-BD6736FV Datasheet
203Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6736FV_15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM116A HMSEMI-HM116A Datasheet
936Kb / 5P
   Single channel H-bridge driver
HM117 HMSEMI-HM117 Datasheet
834Kb / 5P
   Single channel H-bridge driver
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
   H BRIDGE DRIVER
logo
Rohm
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
   H-bridge driver
logo
Freescale Semiconductor...
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186 Datasheet
302Kb / 21P
   H-Bridge Driver
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
   H-Bridge Driver
logo
AMtek SEMICONDUCTORS CO...
AM1025EA AMTEK-AM1025EA Datasheet
773Kb / 12P
   Single-channel H-bridge motor driver IC
Feb. 2017 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com