Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6212FP-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD6212FP-E2
Description  DC Brush Motor Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6212FP-E2 Datasheet(HTML) 2 Page - Rohm

  BD6212FP-E2 Datasheet HTML 1Page - Rohm BD6212FP-E2 Datasheet HTML 2Page - Rohm BD6212FP-E2 Datasheet HTML 3Page - Rohm BD6212FP-E2 Datasheet HTML 4Page - Rohm BD6212FP-E2 Datasheet HTML 5Page - Rohm BD6212FP-E2 Datasheet HTML 6Page - Rohm BD6212FP-E2 Datasheet HTML 7Page - Rohm BD6212FP-E2 Datasheet HTML 8Page - Rohm BD6212FP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
BD621xxx Series
Datasheet
Block Diagrams / Pin Configurations / Pin Descriptions
BD6210F / BD6211F
Figure 1. BD6210F / BD6211F
Figure 2. SOP8 (TOP VIEW)
BD6210HFP / BD6211HFP / BD6212HFP
Figure 3. BD6210HFP / BD6211HFP / BD6212HFP
Figure 4. HRP7 (TOP VIEW)
BD6212FP
Figure 5. BD6212FP
Figure 6. HSOP25 (TOP VIEW)
Table 1
BD6210F/BD6211F
Pin
Name
Function
1
OUT1
Driver output
2
VCC
Power supply
3
VCC
Power supply
4
FIN
Control input (forward)
5
RIN
Control input (reverse)
6
VREF
Duty setting pin
7
OUT2
Driver output
8
GND
Ground
(Note) Use all VCC pin by the same voltage.
Table 2
BD6210HFP/BD6211HFP/BD6212HFP
Pin
Name
Function
1
VREF
Duty setting pin
2
OUT1
Driver output
3
FIN
Control input (forward)
4
GND
Ground
5
RIN
Control input (reverse)
6
OUT2
Driver output
7
VCC
Power supply
FIN
GND
Ground
Table 3
BD6212FP
Pin
Name
Function
1,2
OUT1
Driver output
6
GND
Small signal ground
7,8
RNF
Power stage ground
12,13
OUT2
Driver output
17
VREF
Duty setting pin
19
RIN
Control input (reverse)
20
FIN
Control input (forward)
21
VCC
Power supply
22,23
VCC
Power supply
FIN
GND
Ground
(Note) All pins not described above are NC pins.
Note: Use all VCC pin by the same voltage.
OUT1
VCC
VCC
FIN
GND
OUT2
VREF
RIN
7
6
2
3
5
CTRL
PROTECT
FIN
RIN
VCC
OUT1
OUT2
4
GND
1
VREF
DUTY
FIN
GND
3
2
7
1
4
5
CTRL
PROTECT
FIN
RIN
VCC
VCC
OUT1
OUT2
8
GND
6
VREF
DUTY
21
22
12
1
20
19
CTRL
PROTECT
FIN
RIN
VCC
VCC
OUT1
OUT2
8
RNF
17
VREF
DUTY
6
GND
2
13
7
23
FIN
GND
OUT1
OUT1
GND
NC
NC
NC
GND
RNF
RNF
NC
NC
NC
OUT2
OUT2
NC
NC
GND
VCC
VCC
VCC
FIN
RIN
NC
VREF
NC
NC
NC
2/20
TSZ02201-0P2P0B300070-1-2
09.Sep.2014 Rev.003
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001


Similar Part No. - BD6212FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6212FP-E2 ROHM-BD6212FP-E2 Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
More results

Similar Description - BD6212FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com