Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6735FV Datasheet(PDF) 6 Page - Rohm

Part # BD6735FV
Description  Dual H-Bridge Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6735FV Datasheet(HTML) 6 Page - Rohm

Back Button BD6735FV_15 Datasheet HTML 2Page - Rohm BD6735FV_15 Datasheet HTML 3Page - Rohm BD6735FV_15 Datasheet HTML 4Page - Rohm BD6735FV_15 Datasheet HTML 5Page - Rohm BD6735FV_15 Datasheet HTML 6Page - Rohm BD6735FV_15 Datasheet HTML 7Page - Rohm BD6735FV_15 Datasheet HTML 8Page - Rohm BD6735FV_15 Datasheet HTML 9Page - Rohm BD6735FV_15 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/12
TSZ02201-0H3H0B601300-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
BD6735FV
09.Dec.2015 Rev.001
Timing Chart
Table 1. I/O Truth Table
Input Mode
INPUT
OUTPUT
PS(Note 3)
PWM
IN1A/2A
IN1B/2B
OUT1/3
OUT2/4
Output Mode(Note 4)
EN/IN
H
H
L
X
L
L
Short Brake
H
L
H
L
CW
H
H
L
H
CCW
IN/IN
L
L
L
Z
Z
Open
H
L
H
L
CW
L
H
L
H
CCW
H
H
L
L
Short Brake
-
L
X
X
X
Z
Z
Open
L: Low, H: High, X: Don
’t care, Z: Hi impedance
(Note 3)PS=High: Operation Mode, PS=Low: Stand-by Mode
(Note 4)CW: Current flows from OUT1 to OUT2 and OUT3 to OUT4, CCW: Current flows from OUT2 to OUT1 and OUT4 to OUT3
Application Example
Selection of Components Externally Connected
When using the circuit with changes to the external circuit constants, make sure to leave an adequate margin for external
components including static and transitional characteristics as well as dispersion of the IC.
0.1
μF
0.1
μF
1.0
μF
Connecting capacitors between the CPL1 and CPL2, CPH1 and CPH2, and BST and GND
pins generate a BST voltage. Use caution to ensure that the voltage difference between
BST and VM is 3.0V or higher, and that the BST voltage does not exceed the absolute
maximum rating of 15V, especially set the BST voltage direct input.
MGND2
PS
VCC
1µF to 100µF
OUT1
OUT2
OUT3
OUT4
H bridge
Full ON
H bridge
Full ON
M
1µF to 100µF
VM
GND
IN1A
IN1B
BandGap
TSD & UVLO
10
20
19
18
1
6
7
4
3
2
5
Power Save
MGND1
8
Level Shift
&
Pre Driver
IN2A
IN2B
17
16
PWMEN 15
Logic
Power Save
BST
CPL1
CPL2
13
CPH1
CPH2
11
BST
14
12
9
OSC
Charge Pump
Charge Pump
Bypass Filter Capacitor for
Power Supply
Bypass Filter Capacitor for
Power Supply
Power-Saving
H: Active
L: Stand-by
Motor Control Input
Selectable Drive Mode
H : EN/IN
L : IN/IN


Similar Part No. - BD6735FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
More results

Similar Description - BD6735FV_15

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
   1A Dual H-Bridge Driver
October, 2007 - Rev. 1
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com