Electronic Components Datasheet Search |
|
S24A28E300BL2 Datasheet(PDF) 2 Page - Vicor Corporation |
|
S24A28E300BL2 Datasheet(HTML) 2 Page - Vicor Corporation |
2 / 15 page 24V Maxi Family Rev 6.6 vicorpower.com Page 2 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Operating input voltage 18 24 36 VDC These modules will operate at up to 75% of rated power down to 16VIN after start up at >18VIN Input surge withstand 50 VDC <100ms Undervoltage turn-on 17.5 17.9 VDC Undervoltage turn-off 14.8 15.3 VDC Overvoltage turn-off/on 36.3 37.8 39.6 VDC Disabled input current 4.0 mA PC pin low Parameter Min Typ Max Unit Notes Output voltage setpoint ±1% VOUT nom Nominal input; full load; 25°C Line regulation ±0.02 ±0.20 % Low line to high line; full load Temperature regulation ±0.002 ±0.005 % / °C Over operating temperature range Power sharing accuracy ±2 ±5 % 10 to 100% of full load Of nominal output voltage. For trimming below 90% Programming range 10 110 % of nominal, a minimum load of 10% of maximum rated power may be required. +Out to -Out, +Sense to -Out – Absolute Maximum Ratings 3.3V -0.5 to 4.7 VDC Externally applied 5V -0.5 to 7.0 VDC Externally applied 6.5V -0.5 to 9.0 VDC Externally applied 8V -0.5 to 10.9 VDC Externally applied 12V -0.5 to 16.1 VDC Externally applied 15V -0.5 to 20.0 VDC Externally applied 24V -0.5 to 31.7 VDC Externally applied 28V -0.5 to 36.9 VDC Externally applied 36V -0.5 to 47.2 VDC Externally applied 48V -0.5 to 62.9 VDC Externally applied MODULE INPUT SPECIFICATIONS MODULE OUTPUT SPECIFICATIONS Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature, unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading, contact Vicor applications engineering at 800-927-9474. Parameter Min Typ Max Unit Baseplate to sink; flat, greased surface 0.08 °C/Watt Baseplate to sink; thermal pad (P/N 20263) 0.07 °C/Watt Baseplate to ambient 4.9 °C/Watt Baseplate to ambient; 1000 LFM 1.1 °C/Watt Thermal capacity 165 Watt-sec/°C THERMAL RESISTANCE AND CAPACITY Module Family Electrical Characteristics |
Similar Part No. - S24A28E300BL2 |
|
Similar Description - S24A28E300BL2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |