Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGB15N60T Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IGB15N60T
Description  Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGB15N60T Datasheet(HTML) 2 Page - Infineon Technologies AG

  IGB15N60T Datasheet HTML 1Page - Infineon Technologies AG IGB15N60T Datasheet HTML 2Page - Infineon Technologies AG IGB15N60T Datasheet HTML 3Page - Infineon Technologies AG IGB15N60T Datasheet HTML 4Page - Infineon Technologies AG IGB15N60T Datasheet HTML 5Page - Infineon Technologies AG IGB15N60T Datasheet HTML 6Page - Infineon Technologies AG IGB15N60T Datasheet HTML 7Page - Infineon Technologies AG IGB15N60T Datasheet HTML 8Page - Infineon Technologies AG IGB15N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IGB15N60T
TRENCHSTOP
™ Series
q
IFAG IPC TD VLS
2
Rev. 2.6 30.04.2015
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction
– case
R t hJC
1.15
K/W
Thermal resistance,
junction
– ambient
R t hJA
6cm² Cu
40
Electrical Characteristic, at Tj = 25 C, unless otherwise specified
Parameter
Symbol
Conditions
Value
Unit
min.
Typ.
max.
Static Characteristic
Collector-emitter breakdown voltage
V( BR )C ES VGE = 0V , IC = 0 .2mA
600
-
-
V
Collector-emitter saturation voltage
VC E( sat )
VGE = 15 V , IC =15 A
T j =2 5 C
T j =1 7 5 C
-
-
1.5
1.9
2.05
-
Gate-emitter threshold voltage
VG E( t h)
I C = 21 0µ A , VCE = VGE
4.1
4.9
5.7
Zero gate voltage collector current
I CE S
VCE = 600V,
VGE = 0V
T j =2 5 C
T j =1 7 5 C
-
-
-
-
40
1000
µA
Gate-emitter leakage current
I GE S
VCE = 0V , VGE =2 0 V
-
-
100
nA
Transconductance
g fs
VCE = 20 V , IC =15 A
-
8.7
-
S
Integrated gate resistor
R G int
-
Ω
Dynamic Characteristic
Input capacitance
C i ss
VCE = 25 V ,
VGE = 0V ,
f = 1 M H z
-
860
-
pF
Output capacitance
C os s
-
55
-
Reverse transfer capacitance
C rs s
-
24
-
Gate charge
Q Gat e
VCC = 48 0 V, I C =1 5 A
VGE = 15 V
-
87
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
L E
-
7
-
nH
Short circuit collector current
1)
I C( SC )
VGE = 15 V ,t SC 5 s
VC C = 4 0 0 V,
T j = 15 0 C
-
137.5
-
A
1) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - IGB15N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB15N60T INFINEON-IGB15N60T Datasheet
364Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
More results

Similar Description - IGB15N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGP10N60T INFINEON-IGP10N60T_15 Datasheet
444Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 30.04.2015
IGW30N100T INFINEON-IGW30N100T Datasheet
802Kb / 11P
   Low Loss IGBT: IGBT in TrenchStop and Fieldstop technology
Rev 2.4 2009-12-02
IGP06N60T INFINEON-IGP06N60T_13 Datasheet
494Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.3 20.09.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com