Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGP40N65H5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IGP40N65H5
Description  650V IGBT high speed switching series fifth generation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGP40N65H5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IGP40N65H5 Datasheet HTML 6Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 7Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 8Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 9Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 10Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 11Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 12Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 13Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
IGP40N65H5,IGW40N65H5
Highspeedswitchingseriesfifthgeneration
Rev.2.1,2015-04-30
Figure 13.
Typicalswitchingenergylossesasa
functionofgateresistor
(inductiveload,Tvj=150°C,VCE=400V,
VGE=15/0V,IC=20A,Dynamictestcircuitin
Figure E)
rG,GATERESISTOR[
Ω]
5
15
25
35
45
55
65
75
85
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Eoff
Eon
Ets
Figure 14.
Typicalswitchingenergylossesasa
functionofjunctiontemperature
(inductiveload,VCE=400V,VGE=15/0V,
IC=20A,rG=15
Ω,Dynamictestcircuitin
Figure E)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Eoff
Eon
Ets
Figure 15.
Typicalswitchingenergylossesasa
functionofcollectoremittervoltage
(inductiveload,Tvj=150°C,VGE=15/0V,
IC=20A,rG=15
Ω,Dynamictestcircuitin
Figure E)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
200
250
300
350
400
450
500
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Eoff
Eon
Ets
Figure 16.
Typicalgatecharge
(IC=40A)
QGE,GATECHARGE[nC]
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
130V
520V


Similar Part No. - IGP40N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP40N65H5 INFINEON-IGP40N65H5 Datasheet
2Mb / 15P
   High speed 5 IGBT in TRENCHSTOP 5 technology
Rev.1.1,2012-11-09
More results

Similar Description - IGP40N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP30N65F5 INFINEON-IGP30N65F5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP30N65H5 INFINEON-IGP30N65H5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP20N65H5 INFINEON-IGP20N65H5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
IGP40N65F5 INFINEON-IGP40N65F5_15 Datasheet
2Mb / 15P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-04-30
IGW50N65F5 INFINEON-IGW50N65F5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-05-04
IGW50N65H5 INFINEON-IGW50N65H5_15 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-05-05
IGP20N65F5 INFINEON-IGP20N65F5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
IGZ75N65H5 INFINEON-IGZ75N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGW75N65H5 INFINEON-IGW75N65H5_15 Datasheet
1Mb / 14P
   650V IGBT high speed series fifth generation
Rev.2.1,2015-05-20
IGZ50N65H5 INFINEON-IGZ50N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com