Electronic Components Datasheet Search |
|
MAX1304 Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX1304 Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 36 page 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to +5V Analog Input Ranges 4 _______________________________________________________________________________________ PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS EXTERNAL REFERENCE (REF and REFMS are externally driven) REF Input Voltage Range VREF 2.0 2.5 3.0 V REF Input Resistance RREF (Note 5) 5 k Ω REF Input Capacitance 15 pF REFMS Input Voltage Range VREFMS 2.0 2.5 3.0 V REFMS Input Resistance RREFMS (Note 6) 5 k Ω REFMS Input Capacitance 15 pF REF+ Output Voltage VREF+ VREF = +2.5V 3.850 V COM Output Voltage VCOM VREF = +2.5V 2.600 V REF- Output Voltage VREF- VREF = +2.5V 1.350 V Differential Reference Voltage VREF+ - VREF- VREF = +2.5V 2.500 V DIGITAL INPUTS (D0–D7, RD, WR, CS, CLK, SHDN, CHSHDN, CONVST) Input-Voltage High VIH 0.7 x DVDD V Input-Voltage Low VIL 0.3 x DVDD V Input Hysteresis 20 mV Input Capacitance CIN 15 pF Input Current IIN VIN = 0 or DVDD 0.02 ±1 µA CLOCK-SELECT INPUT (INTCLK/ EXTCLK) Input-Voltage High VIH 0.7 x AVDD V Input-Voltage Low VIL 0.3 x AVDD V DIGITAL OUTPUTS (D0–D11, EOC, EOLC) Output-Voltage High VOH ISOURCE = 0.8mA, Figure 1 DVDD - 0.6 V Output-Voltage Low VOL ISINK = 1.6mA, Figure 1 0.4 V D0–D11 Tri-State Leakage Current RD = high or CS = high 0.06 1µA D0–D11 Tri-State Output Capacitance RD = high or CS = high 15 pF POWER SUPPLIES Analog Supply Voltage AVDD 4.75 5.25 V Digital Supply Voltage DVDD 2.70 5.25 V MAX1304/MAX1305/MAX1306, all channels selected 55 60 MAX1308/MAX1309/MAX1310, all channels selected 54 60 Analog Supply Current IAVDD MAX1312/MAX1313/MAX1314, all channels selected 54 60 mA ELECTRICAL CHARACTERISTICS (continued) (AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ = CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices), MSV = AGND (bipo- lar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C. See Figures 3 and 4.) |
Similar Part No. - MAX1304 |
|
Similar Description - MAX1304 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |