Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIH1 Datasheet(PDF) 1 Page - MMD Components

Part # MIH1
Description  Low Profile SMD Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MIH1 Datasheet(HTML) 1 Page - MMD Components

  MIH1 Datasheet HTML 1Page - MMD Components MIH1 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
07/24/13 U
Subject to change without notice
Pg 1of 2
Revision:
M
MIIH
H S
Se
erriie
ess 5
5X
X7
7 C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 Low Profile SMD Package
 Hermetically Sealed
 RoHS Compliant
 Wide Frequency Range
Marking Detail
Frequency Range
1.500MHZ to 156.250MHZ
Temperature Stability*
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Aging (+25°C ±3°C)
±5ppm for first year
Waveform
HCMOS
Supply Voltage ±5% (Vdd)
+1.80 VDC
+2.50 VDC
+3.30 VDC
+5.00 VDC
Supply Current
15mA
40mA
40mA
70mA
Load
15pF
15pF
10 TTL Gates
or 30pF
10 TTL Gates
or 50pF
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Rise/Fall Time (10% to 90% of Supply Voltage)
4nSec
Symmetry (50% of waveform)
40%/60% (45%/55% optional)
Start-up Time
10mSec max
Jitter (RMS)
Less than 1 pSec
Tri-State Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
* Inclusive of Temperature., Load and Voltage
Standby Current Consumption
10uA
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1


Similar Part No. - MIH1

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIH101027AH MMD-MIH101027AH Datasheet
76Kb / 1P
   5 x 7 Ceramic SMD Oscillator
MIH101027AS MMD-MIH101027AS Datasheet
76Kb / 1P
   5 x 7 Ceramic SMD Oscillator
MIH101027H MMD-MIH101027H Datasheet
76Kb / 1P
   5 x 7 Ceramic SMD Oscillator
MIH101027S MMD-MIH101027S Datasheet
76Kb / 1P
   5 x 7 Ceramic SMD Oscillator
MIH101048AH MMD-MIH101048AH Datasheet
76Kb / 1P
   5 x 7 Ceramic SMD Oscillator
More results

Similar Description - MIH1

ManufacturerPart #DatasheetDescription
logo
MMD Components
MXH1 MMD-MXH1 Datasheet
131Kb / 2P
   Low Profile SMD Package
MIHK2 MMD-MIHK2 Datasheet
102Kb / 2P
   Low Profile SMD Package
MXC1 MMD-MXC1 Datasheet
122Kb / 2P
   Low Profile SMD Package
MSH1 MMD-MSH1 Datasheet
583Kb / 2P
   Low Profile Ceramic SMD Package
logo
QUARTZCOM the communica...
SMX-QS2 QUARTZCOM-SMX-QS2 Datasheet
102Kb / 1P
   SMD Watch Crystal Low profile metal package
SMX-QS1 QUARTZCOM-SMX-QS1 Datasheet
102Kb / 1P
   SMD Watch Crystal Low profile metal package
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com