Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20N06H Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 20N06H
Description  20A mps,60 Volts N-CHANNEL MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

20N06H Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  20N06H Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 20N06H Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 页码 -
Rev. 14-1
http:// www.perfectway.cn
Electrical Characteristics (Tc=25℃,unless otherwise noted)
Parameter
Symbol
Test Conditions
Mix
Typ
Max
Units
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
60
V
Breakdown Temperature Coefficient
ΔBVDSS
/ΔTJ
Reference to 25℃,
ID=250uA
0.5
V/℃
Zero Gate Voltage Drain Current
IDSS
VDS=60V,VGS=0V
1
uA
Gate-Body Leakage Current,Forward
IGSSF
VGS=20V,VDS=0V
100
nA
Gate-Body Leakage Current,Reverse
IGSSR
VGS=-20V,VDS=0V
-100
nA
On Characteristics
Gate-Source Threshold Voltage
VGS(th)
VDS=10V,ID=250uA
1.0
3.0
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=10A
36
Dynamic Characteristics
Input Capacitance
Ciss
VDS=25V,VGS=0V,
f=1.0MHZ
450
590
pF
Output Capacitance
Coss
170
220
pF
Reverse Transfer Capacitance
Crss
25
35
pF
Switching Characteristics
Turn-On Delay Time
td(on)
VDD=30V,ID=10A,
RG=25Ω
(Note4,5)
5
20
ns
Turn-On Rise Time
tr
45
100
ns
Turn-Off Delay Time
td(off)
20
50
ns
Turn-Off Fall Time
tf
25
60
ns
Total Gate Charge
Qg
VDS=48V,ID=20A,
VGS=10V, (Note4,5)
11.5
15
nC
Gate-Source Charge
Qgs
3
nC
Gate-Drain Charge
Qgd
4.5
nC
Drain-Source Body Diode Charcteristics and Maximum Ratings
Continuous Diode Forward Current
IS
20
A
Pulsed Diode Forward Current
ISM
80
A
Diode Forward Voltage
VSD
IS=20A,VGS=0V
1.5
V
Reverse Recovery Time
trr
VGS=0V,IS=20A,
dIF/dt=100A/us,
(Note4)
43
ns
Reverse Recovery Charge
Qrr
50
uC
Notes
1.
Repetitive Rating:pulse width limited by maximum junction temperature.
2.
VDD=10V,L=1mH,Rg=25Ω,IAS=20A , TJ=25℃.
3.
ISD≤ID,dI/dt=200A/us,VDD≤BVDSS,starting TJ=25℃.
4.
Pulse width≤300us;duty cycle≤2%.
5.
Repetitive rating; pulse width limited by maximum junction temperature.


Similar Part No. - 20N06H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
20N06HD VBSEMI-20N06HD Datasheet
897Kb / 6P
   N-Channel 60-V (D-S) MOSFET
20N06HLD VBSEMI-20N06HLD Datasheet
897Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 20N06H

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
50N06 CHONGQING-50N06 Datasheet
194Kb / 2P
   50A mps,60 Volts N-CHANNEL MOSFET
12N60 CHONGQING-12N60 Datasheet
194Kb / 2P
   12A mps,600 Volts N-CHANNEL MOSFET
7N60 CHONGQING-7N60 Datasheet
193Kb / 2P
   7A mps,600 Volts N-CHANNEL MOSFET
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
   8A mps,650 Volts N-CHANNEL MOSFET
10N65 CHONGQING-10N65 Datasheet
193Kb / 2P
   F10A mps,650 Volts N-CHANNEL MOSFET
6N60 CHONGQING-6N60 Datasheet
193Kb / 2P
   6A mps,600 Volts N-CHANNEL MOSFET
8N60 CHONGQING-8N60 Datasheet
194Kb / 2P
   8A mps,600 Volts N-CHANNEL MOSFET
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
   7A mps,650 Volts N-CHANNEL MOSFET
2N60 CHONGQING-2N60 Datasheet
201Kb / 2P
   2A mps,600 Volts N-CHANNEL MOSFET
10N60 CHONGQING-10N60 Datasheet
192Kb / 2P
   10A mps,600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com