Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW50N60TP Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IGW50N60TP
Description  600V IGBT TRENCHSTOPTM Performance series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW50N60TP Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IGW50N60TP Datasheet HTML 5Page - Infineon Technologies AG IGW50N60TP Datasheet HTML 6Page - Infineon Technologies AG IGW50N60TP Datasheet HTML 7Page - Infineon Technologies AG IGW50N60TP Datasheet HTML 8Page - Infineon Technologies AG IGW50N60TP Datasheet HTML 9Page - Infineon Technologies AG IGW50N60TP Datasheet HTML 10Page - Infineon Technologies AG IGW50N60TP Datasheet HTML 11Page - Infineon Technologies AG IGW50N60TP Datasheet HTML 12Page - Infineon Technologies AG IGW50N60TP Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
IGW50N60TP
TRENCHSTOPTMP
erformanceSeries
Rev.2.1,2016-02-05
Figure 9.
Typicalswitchingtimesasafunctionofgate
resistor
(ind.load,Tj=175°C,VCE=400V,VGE=15/0V,
IC=50A,testcircuitinFig.E)
rG,GATERESISTOR[
Ω]
0
5
10
15
20
25
30
35
10
100
1000
td(off)
tf
td(on)
tr
Figure 10.
Typicalswitchingtimesasafunctionof
junctiontemperature
(ind.load,VCE=400V,VGE=15/0V,IC=50A,
rG=7
Ω,testcircuitinFig.E)
Tj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
10
100
td(off)
tf
td(on)
tr
Figure 11.
Gate-emitterthresholdvoltageasafunction
ofjunctiontemperature
(IC=0,8mA)
Tj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
0.0
1.0
2.0
3.0
4.0
5.0
6.0
typ.
min.
max.
Figure 12.
Typicalswitchingenergylossesasa
functionofcollectorcurrent
(ind.load,Tj=175°C,VCE=400V,VGE=15/0V,
rG=7
Ω,testcircuitinFig.E)
IC,COLLECTORCURRENT[A]
0
10
20
30
40
50
60
70
80
90 100
0
1
2
3
4
5
6
7
8
9
10
11
Eoff
Eon
Ets


Similar Part No. - IGW50N60TP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW50N60T INFINEON-IGW50N60T Datasheet
402Kb / 13P
   LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
IGW50N60T INFINEON-IGW50N60T Datasheet
454Kb / 13P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Nov. 09
IGW50N60T INFINEON-IGW50N60T Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
More results

Similar Description - IGW50N60TP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW40N60DTP INFINEON-IGW40N60DTP Datasheet
1Mb / 14P
   600V DuoPack IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
IKW50N60DTP INFINEON-IKW50N60DTP Datasheet
1Mb / 16P
   600V DuoPack IGBT and diode TRENCHSTOPTM Performance series
Rev.2.1,2016-02-08
IGW40N60TP INFINEON-IGW40N60TP Datasheet
1Mb / 14P
   TRENCHSTOPTM Performance technology
Rev.2.1,2016-02-05
IGW30N60TP INFINEON-IGW30N60TP Datasheet
1Mb / 14P
   TRENCHSTOPTM Performance technology
Rev.2.1,2016-02-05
IKD04N60RA INFINEON-IKD04N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2013-02-15
IKD10N60RA INFINEON-IKD10N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.2,2014-02-28
IKD15N60RA INFINEON-IKD15N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2013-02-15
AIGB15N65H5 INFINEON-AIGB15N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-18
AIGB50N65H5 INFINEON-AIGB50N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-19
AIGB30N65H5 INFINEON-AIGB30N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com