Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB-15 Datasheet(PDF) 2 Page - Riedon Powertron

Part # UB-15
Description  Miniature Silicone Coated Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

UB-15 Datasheet(HTML) 2 Page - Riedon Powertron

  UB-15 Datasheet HTML 1Page - Riedon Powertron UB-15 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
1/16
SPECIFICATIONS (continued)
For Non-Inductive Windings / insert the letter “N” ( i.e. UBN-5 )
Part Description: Part Type - Resistance - Tolerance - TCR ( If not standard )
Example: UB-3 10 Ohm 1%
0
-50
0
50
100
150
200
250
300
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Specification
Value
Tolerances
±0.01% to ±10% ( 1% Standard )
Temperature Coefficient
>10Ω : ±20ppm/K
1Ω to10Ω : ±50ppm/K
<1Ω : Call Factory
Temperature Range
-55°C to +250°C
Dielectric Strength
500 VAC : UB-1 / UB-2 / UB-3
1000 VAC : All Others
Construction
Centerless ground ceramic core
Tinned copper or copperweld leads
High temperature / trivalent / inorganic Silicone coating
All welded terminations
Environmental Performance
(MIL-STD 202)
∆R
Dielectric
±0.2% + 0.05Ω
Load Life
To ±1% Depending on Size and Resistance Value
Storage
±0.2% + 0.05Ω
Moisture Resistance
±0.2% + 0.05Ω
Thermal Shock
±0.2% + 0.05Ω
5X Overload ( 5s )
±0.2% + 0.05Ω
Shock
±0.1% + 0.05Ω
Vibration
±0.1% + 0.05Ω
UB Series
Silicone Coated Power Resistors
Ordering Information


Similar Part No. - UB-15

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UB-15 RIEDON-UB-15 Datasheet
273Kb / 2P
   Silicone Coated Power Resistors
logo
Sanken electric
UB-151 SANKEN-UB-151 Datasheet
324Kb / 5P
   Fast Recovery Diodes
UB-152 SANKEN-UB-152 Datasheet
324Kb / 5P
   Fast Recovery Diodes
UB-154 SANKEN-UB-154 Datasheet
324Kb / 5P
   Fast Recovery Diodes
UB-15X SANKEN-UB-15X Datasheet
324Kb / 5P
   Fast Recovery Diodes
More results

Similar Description - UB-15

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UB5C-10RF1 RIEDON-UB5C-10RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-1RF1 RIEDON-UB15-1RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-0R1F1 RIEDON-UB3C-0R1F1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-15RF1 RIEDON-UB15-15RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-10KF1 RIEDON-UB15-10KF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-50RF1 RIEDON-UB3C-50RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-150RF1 RIEDON-UB3C-150RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB5C-120RF1 RIEDON-UB5C-120RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB5C-220RF1 RIEDON-UB5C-220RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-10RF1 RIEDON-UB15-10RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com