Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW15N120E1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IHW15N120E1
Description  Reverse conducting IGBT with monolithic body Diode for soft-switching
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW15N120E1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IHW15N120E1 Datasheet HTML 6Page - Infineon Technologies AG IHW15N120E1 Datasheet HTML 7Page - Infineon Technologies AG IHW15N120E1 Datasheet HTML 8Page - Infineon Technologies AG IHW15N120E1 Datasheet HTML 9Page - Infineon Technologies AG IHW15N120E1 Datasheet HTML 10Page - Infineon Technologies AG IHW15N120E1 Datasheet HTML 11Page - Infineon Technologies AG IHW15N120E1 Datasheet HTML 12Page - Infineon Technologies AG IHW15N120E1 Datasheet HTML 13Page - Infineon Technologies AG IHW15N120E1 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
IHW15N120E1
ResonantSoft-SwitchingSeries
Rev.2.1,2016-07-29
Figure 17.
Typicaldiodeforwardcurrentasafunction
offorwardvoltage
VF,FORWARDVOLTAGE[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
45
Tvj=25°C
Tvj=150°C
Figure 18.
Typicaldiodeforwardvoltageasafunction
ofjunctiontemperature
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF=7.5A
IF=15A
IF=30A


Similar Part No. - IHW15N120E1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120E1 INFINEON-IHW15N120E1 Datasheet
1Mb / 14P
   Reverse conducting IGBT with monolithic body Diode for soft-switching
Rev.2.1,2016-07-29
More results

Similar Description - IHW15N120E1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW25N120E1 INFINEON-IHW25N120E1 Datasheet
1Mb / 14P
   Reverse conducting IGBT with monolithic body Diode for soft-switching
Rev.2.1,2016-07-29
IHW15N120E1 INFINEON-IHW15N120E1 Datasheet
1Mb / 14P
   Reverse conducting IGBT with monolithic body Diode for soft-switching
Rev.2.1,2016-07-29
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHY20N120R3 INFINEON-IHY20N120R3 Datasheet
933Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.1 2009-11-25
IKW40N65WR5 INFINEON-IKW40N65WR5_16 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-12-10
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW15N120R INFINEON-IHW15N120R Datasheet
370Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2.1 July 06
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW30N110R3 INFINEON-IHW30N110R3 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com