Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ26200 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26200
Description  HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26200 Datasheet(HTML) 4 Page - Texas Instruments

  BQ26200 Datasheet HTML 1Page - Texas Instruments BQ26200 Datasheet HTML 2Page - Texas Instruments BQ26200 Datasheet HTML 3Page - Texas Instruments BQ26200 Datasheet HTML 4Page - Texas Instruments BQ26200 Datasheet HTML 5Page - Texas Instruments BQ26200 Datasheet HTML 6Page - Texas Instruments BQ26200 Datasheet HTML 7Page - Texas Instruments BQ26200 Datasheet HTML 8Page - Texas Instruments BQ26200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
bq26200
SLUS509A − DECEMBER 2001 − REVISED NOVEMBER 2004
4
www.ti.com
timer
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R(OSC)
Oscillator current coefficient
10
ppm/
E(TMR)
Timer accuracy error
R(OSC) = 100 k (±0.1%),
See Note 1
−3%
3%
NOTES:
1. Timer accuracy is linearly proportional to the tolerance of R(OSC).
NOTES:
2. Variation of oscillator frequency due to change in R(OSC).
temperature register
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
T(RES)
Reported temperature resolution
1
_k
E(T)
Reported temperature accuracy
VCC = 3.6 V
−3
3
_K
Reported temperature drift
−2
_kV
VFC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(SR)
Input voltage: VSRP − VSRN
−100
100
mV
G(VFC)
Charge/discharge gain
TA = 25 _C,
VCC = 3.6
89.2
92.2
95.2
Hz/V
G(VCC)
Supply voltage gain coefficient
−100 mV < (V(SRP) − V(SRN)) < 100 mV
0.45
0.86
%/V
Slope ( −20
_C ≤ TA ≤ 70_C)
−0.03
0.02
%/
_C
G(TCO)
Temperature gain coefficient
Total deviation ( −20
_C ≤ TA ≤ 70_C)
−0.15%
0.56%
G(TCO)
Temperature gain coefficient
Slope ( 0
_C ≤ TA ≤ 50_C)
−0.03
0.03
%/
_C
Total deviation ( 0
_C ≤ TA ≤ 50_C)
0.06%
0.51%
INL
Integrated non-linearity
−100 mV < (V(SRP) − V(SRN)) < 100 mV
0.2%
0.5%
V(COS)
Auto compensated offset
2.8 V
≤ Vcc ≤ 4.3 V, R(OSC) = 100 K (±1%)
−17.7
12.5
µV
flash memory
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention
5
Years
Flash programming write-cycles
10,000
Cycles
t(BYTEPROG) Byte programming time
90
µs
t(BLCKPROG) RAM-to-flash block programming
time
60
µs +30 µs/byte
1020
µs
t(BLKERASE) Block-erase time
60
µs +30 µs/byte
1020
µs


Similar Part No. - BQ26200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200 TI1-BQ26200 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PW TI1-BQ26200PW Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWG4 TI1-BQ26200PWG4 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWR TI1-BQ26200PWR Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWRG4 TI1-BQ26200PWRG4 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
More results

Similar Description - BQ26200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200 TI1-BQ26200_16 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
BQ26221 TI-BQ26221 Datasheet
284Kb / 20P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Intersil Corporation
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com