Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180NQ-1 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 180NQ-1
Description  Replaces three parallel DO-5?셎
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

180NQ-1 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  180NQ-1 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 180NQ-1 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 180NQ-1 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 180NQ-1 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1171, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
180NQ...-1 SERIES


Similar Part No. - 180NQ-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
180NQ IRF-180NQ Datasheet
46Kb / 4P
   Unique high power, Half-Pak module
logo
Microsemi Corporation
180NQ035 MICROSEMI-180NQ035 Datasheet
118Kb / 2P
   180 Amp Schottky Rectifier
180NQ040 MICROSEMI-180NQ040 Datasheet
118Kb / 2P
   180 Amp Schottky Rectifier
180NQ045 MICROSEMI-180NQ045 Datasheet
118Kb / 2P
   180 Amp Schottky Rectifier
logo
Vishay Siliconix
180NQ045PBF VISHAY-180NQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 180 A
Revision: 28-Apr-08
More results

Similar Description - 180NQ-1

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
249NQ135 SMC-249NQ135 Datasheet
176Kb / 4P
   Replaces three parallel DO-5?셎
240NQ-1 SMC-240NQ-1 Datasheet
220Kb / 4P
   Easier to mount and lower profile than DO-5?셎
181NQ-1 SMC-181NQ-1 Datasheet
219Kb / 4P
   Easier to mount and lower profile than DO-5?셎
129NQ-R-1 SMC-129NQ-R-1 Datasheet
168Kb / 4P
   Easier to mount and lower profile than DO-5?셎
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Rectron Semiconductor
1N5223B RECTRON-1N5223B Datasheet
21Kb / 2P
   500mW 5% DO-35 ZENER DIODE
logo
PHOENIX CONTACT
2700005 PHOENIX-2700005 Datasheet
49Kb / 1P
   Think & Do 8 (latest version), parallel port key
logo
Jiangsu High diode Semi...
1.5KE HDSEMI-1.5KE Datasheet
1Mb / 7P
   DO-1 5 Plastic-Encapsulate Diodes
logo
International Rectifier
OM100L60CMIS IRF-OM100L60CMIS Datasheet
194Kb / 10P
   CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT?셎
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A Datasheet
19Kb / 2P
   1W 5% DO-41 ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com